Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2236C Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2236C
Description  18V, 6A, High-Efficiency, FCCM Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2236C Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2236C Datasheet HTML 8Page - Monolithic Power Systems MP2236C Datasheet HTML 9Page - Monolithic Power Systems MP2236C Datasheet HTML 10Page - Monolithic Power Systems MP2236C Datasheet HTML 11Page - Monolithic Power Systems MP2236C Datasheet HTML 12Page - Monolithic Power Systems MP2236C Datasheet HTML 13Page - Monolithic Power Systems MP2236C Datasheet HTML 14Page - Monolithic Power Systems MP2236C Datasheet HTML 15Page - Monolithic Power Systems MP2236C Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP2236C
– 18V, 6A, FCCM SYNCHRONOUS STEP-DOWN CONVERTER
MP2236C Rev. 1.0
MonolithicPower.com
12
3/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
OPERATION
The
MP2236C
is
a
fully
integrated,
synchronous, rectified, step-down, switch-mode
converter. The device uses constant-on-time
(COT) control to provide fast transient response
and ease loop stabilization. Figure 2 shows the
simplified ramp compensation block in the
MP2236C.
VOUT
L
COUT
RESR
R1
R2
On-
Timer
Logic
Control
VREF
SW
VRAMP
FB
Figure 2: Simplified Compensation Block
At the beginning of each cycle, the high-side
MOSFET (HS-FET) turns on whenever the
ramp voltage (VRAMP) is below the error amplifier
(EA)’s output voltage (VEAO), which indicates an
insufficient output voltage (VOUT). The on period
is determined by both VOUT and the input
voltage (VIN) to make the switching frequency
(fSW) fairly constant across the entire VIN range.
After the on period elapses, the HS-FET turns
off. By cycling the HS-FET on and off, the
converter regulates VOUT. The integrated low-
side MOSFET (LS-FET) turns on when the HS-
FET is off to minimize conduction loss.
If the HS-FET and LS-FET are turned on at the
same time, a dead short occurs between the
input and GND; this is called shoot-through. To
avoid
significantly
reduced
efficiency
from
shoot-through, the MP2236C generates a dead
time (DT) internally between the HS-FET off
period and LS-FET on period, and vice versa.
Error Amplifier (EA)
The EA compares the FB voltage (VFB) against
the internal 0.6V reference voltage (VREF) and
outputs a pulse-width modulation (PWM) signal.
The optimized internal ramp compensation
minimizes the external component count and
simplifies control loop design.
Enable (EN)
EN is a digital control pin that turns the
regulator on and off. Pull EN high to turn on the
regulator. Pull EN low to turn off the regulator.
An internal 2M
Ω resistor is connected from EN
to ground. EN can operate with a 20V VIN,
which allows EN to be connected directly to VIN
for automatic start-up.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating with
an insufficient supply
voltage. The MP2236C
’s UVLO comparator
monitors VIN. The MP2236C is active when VIN
exceeds the UVLO rising threshold.
Soft Start (SS) and Pre-Biased Start-Up
Soft start (SS) prevents the converter
’s VOUT
from overshooting during start-up. When the
chip starts up, the internal circuitry generates a
soft-start voltage (VSS) that ramps up from 0V to
the internal VCC. When VSS is below VREF, the
EA uses VSS as the reference. When VSS
exceeds VREF, VREF takes over as the reference.
The soft-start time (tSS) is set to 1ms internally.
If
the MP2236C’s output is pre-biased to a
certain voltage during start-up, the IC disables
the HS-FET and LS-FET switching until the
voltage on the internal SS capacitor (CSS)
exceeds the sensed VOUT at FB.
Low-Dropout (LDO) Operation
To improve dropout, the MP2236C is designed
to extend its on time if the duty cycle exceeds
85%. When the HS-FET on time is extended,
the frequency drops. The typical minimum
frequency
(fSW_MIN)
is
260kHz.
When
the
frequency drops to 260kHz, it cannot reduce
any further and the HS-FET off time begins
decreasing.
The
duty
cycle
reaches
its
maximum (DMAX) when the off time is at its
minimum value. If VIN drops, the MP2236C
operates at DMAX and VOUT drops.
The typical DMAX can be calculated using
Equation (1):
MAX
OFF_MIN
SW _ MIN
D
1 t
f
= −
(1)
Where the minimum off time (tOFF_MIN) is 170ns,
and fSW_MIN is 260kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com