Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2236C Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2236C
Description  18V, 6A, High-Efficiency, FCCM Synchronous Step-Down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2236C Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2236C Datasheet HTML 9Page - Monolithic Power Systems MP2236C Datasheet HTML 10Page - Monolithic Power Systems MP2236C Datasheet HTML 11Page - Monolithic Power Systems MP2236C Datasheet HTML 12Page - Monolithic Power Systems MP2236C Datasheet HTML 13Page - Monolithic Power Systems MP2236C Datasheet HTML 14Page - Monolithic Power Systems MP2236C Datasheet HTML 15Page - Monolithic Power Systems MP2236C Datasheet HTML 16Page - Monolithic Power Systems MP2236C Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MP2236C
– 18V, 6A, FCCM SYNCHRONOUS STEP-DOWN CONVERTER
MP2236C Rev. 1.0
MonolithicPower.com
13
3/16/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Over-Current Protection (OCP) and Hiccup
Mode
The
MP2236C
offers
cycle-by-cycle,
over-
current (OC) limiting control. The current-limit
circuit employs a low-side (LS) valley current-
sensing algorithm. The MP2236C uses the LS-
FET on resistance (RDS(ON)) as a current-
sensing element for valley-current limiting.
When the LS-FET turns on, the inductor current
(IL) is monitored by the voltage between GND
and SW. As the positive current-sensing node,
GND
must
be
connected
to
the
bottom
MOSFET
’s source terminal. PWM cannot
initiate a new cycle until IL falls to the valley
threshold.
After the cycle-by-cycle OC limit is reached,
VOUT drops until it is below the under-voltage
(UV) threshold. There are two UV thresholds:
UV1 (80%) and UV2 (60%). Once UV1 and OC
are both triggered, the MP2236C waits for 30
cycles. If OC exits after 31 cycles, then the
MP2236C enters hiccup mode to periodically
restart the part with a 12.5% duty cycle. If UV2
and OC are triggered, then the MP2236C
enters hiccup mode after three cycles. This
protection mode is especially useful when the
output is dead-shorted to ground. The average
short-circuit
current
is
greatly
reduced
to
alleviate
thermal
issues
and
protect
the
regulator. Once the OC condition is removed,
the MP2236C exits hiccup mode and resumes
normal operation.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures. If
the silicon die temperature exceeds 150°C, the
entire chip shuts down. Once the temperature
drops
below
its
lower
threshold
(typically
130°C), the chip is enabled again.
Floating
Driver
and
Bootstrap
(BST)
Charging
An external bootstrap (BST) capacitor (CBST)
powers the floating power MOSFET driver,
which has its own UVLO protection. The UVLO
rising
threshold
is
1.2V,
with
a
150mV
hysteresis.
The
CBST
voltage
is
regulated
internally by VIN through D1, M1, C4, L1, and
C2 (see Figure 3).
Figure 3: Internal BST Charging Circuit
If VIN - VSW exceeds 3.3V, then U1 regulates M1
to maintain a 3.3V BST voltage across C4.
Start-Up and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip starts up. The reference
block starts first, generating a stable VREF and
current, and then the internal regulator is
enabled. The regulator provides a stable supply
for the remaining circuitries.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. During the
shutdown procedure, the signaling path is
blocked first to avoid any fault triggering. Then
the internal supply rail is pulled down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com