Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFS2B Datasheet(PDF) 8 Page - STMicroelectronics

Part # EFS2B
Description  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS2B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button EFS2B Datasheet HTML 4Page - STMicroelectronics EFS2B Datasheet HTML 5Page - STMicroelectronics EFS2B Datasheet HTML 6Page - STMicroelectronics EFS2B Datasheet HTML 7Page - STMicroelectronics EFS2B Datasheet HTML 8Page - STMicroelectronics EFS2B Datasheet HTML 9Page - STMicroelectronics EFS2B Datasheet HTML 10Page - STMicroelectronics EFS2B Datasheet HTML 11Page - STMicroelectronics EFS2B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
EFS
8/14
In order to reduce the number of components, an
auxiliary power supply is integrated in the ASD
™.
This active power supply works directly on the
mains and requires only a low voltage capacitor
16V - 22
µF. The operating mode of this supply
varies with the starter operating phase:
4/ AUXILIARY POWER SUPPLY:
DRIVER
ASD
VCC
G1
GND
TUBE
C SUPPLY
7.57
7.68
D1
R1
R2
R6
POWER SUPPLY SCHEMATIC
Supply operation during preheat phase:
During preheat phase, the driver manages alone the supply function (neither the driver nor D1 and R6 are
involved). A part of the current flowing through the ASD
™ is used, at the beginning and at the end of each
positive mains half cycle, to charge the output capacitor.
Supply operation during standby phase:
When the lamp is lit, the monitors its supply voltage (Vcc). At the beginning of each positive mains half
cycle, when Vcc is lower than 7.57V, the driver closes the ASD
™ supply switch. The capacitor is charged
to provide the standby current of the driver. During this phase the tube lamp is short circuited by the
ASD
™. When the supply voltage reaches 7.68V, the driver opens the ASD™ supply switch. Since this
current is also flowing in the ballast, the supply turn off provides across the lamp an additional voltage
spike. After running few minutes the lamp becomes warm and this spike voltage naturally decreases.
SUPPLY DURING PREHEAT PHASE
Starter current
Starter voltage
at the ignition
5min after
ignition
SUPPLY DURING STANDBY PHASE
(Without E.M.I. Capacitor nor R6 nor D1)
To reduce dramatically this repetitive voltage spikes across the lamp, the R6 resistor with the diode D1
provide a part of the supply current. Thus, the ripple voltage of the supply voltage is reduced, as well as the
level of the switched off current. On the other hand, this increases the safety margin of the RF noise
(versus the IEC 55015 limits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com