Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFS2B Datasheet(PDF) 4 Page - STMicroelectronics

Part # EFS2B
Description  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS2B Datasheet(HTML) 4 Page - STMicroelectronics

  EFS2B Datasheet HTML 1Page - STMicroelectronics EFS2B Datasheet HTML 2Page - STMicroelectronics EFS2B Datasheet HTML 3Page - STMicroelectronics EFS2B Datasheet HTML 4Page - STMicroelectronics EFS2B Datasheet HTML 5Page - STMicroelectronics EFS2B Datasheet HTML 6Page - STMicroelectronics EFS2B Datasheet HTML 7Page - STMicroelectronics EFS2B Datasheet HTML 8Page - STMicroelectronics EFS2B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
EFS
4/14
DRIVER
EFS
2
A/B
CD
-
EFS
2
1
TL5
-
Electronic
Fluorescent
Switch
Electronic
Fluorescent
Switch
Kit
Kit
Version
Digit
A: 50Hz
B: 50/60Hz
Version
Digit
SO14
Package
TL5:
Pentawatt HV Package
with lead forming
ASD
TM
ORDERING INFORMATION
ELECTRICAL CHARACTERISTICS (Tj =25
°C, unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vcc
Supply voltage in preheat mode
712
V
VUVLO
Under voltage lock-out threshold
5V
VCCH
Supply limitation high in standby mode
6.8
7.7
8.7
V
VCCL
Supply limitation low in standby mode
6.77
7.57
8.41
V
ICC
Supply current in standby mode
440
450
475
µA
ISO
Ignition current level Rsense = 0.39
Ω
280
350
420
mA
LAMP OFF STATE DETECTION
tc
Checking delay after zero crossing lamp voltage
EFS2A version
2.9
5.9
ms
EFS2B version
2.5
7.5
ms
VREF
Internal reference voltage
1.12
1.26
V
DRIVER
Symbol
Parameter
Min.
Typ.
Max.
Unit
VT +
Positive on-state voltage
IT = 1.5A
tp = 500
µs
2.1
3.15
V
VT -
Negative on-state voltage
IT = 1.5A
tp = 500
µs
0.89
1.2
V
VBR
Breakdown positive voltage IDRM = 5mA
tp = 10ms
1200
1350
1500
V
VDCM
VRCM
Non repetitive peak off-state voltage
Pin 1 = Pin 2 = Pin 4 = Pin 5
Repetitive rate : 3Hz
800
V
IDRM
IRRM
Leakage current, at VDRM/VRRM rated
Pin 1 = Pin 2 = Pin 4 = Pin 5
20
µA
IH
Holding current
dI/dt = 9 A/ms
Pin1 = Pin 2 = Pin4 = Pin5
350
mA
ASD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com