Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFS2B Datasheet(PDF) 3 Page - STMicroelectronics

Part # EFS2B
Description  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS2B Datasheet(HTML) 3 Page - STMicroelectronics

  EFS2B Datasheet HTML 1Page - STMicroelectronics EFS2B Datasheet HTML 2Page - STMicroelectronics EFS2B Datasheet HTML 3Page - STMicroelectronics EFS2B Datasheet HTML 4Page - STMicroelectronics EFS2B Datasheet HTML 5Page - STMicroelectronics EFS2B Datasheet HTML 6Page - STMicroelectronics EFS2B Datasheet HTML 7Page - STMicroelectronics EFS2B Datasheet HTML 8Page - STMicroelectronics EFS2B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EFS
3/14
WORKING AREA
LAMP POWER (W)
Tamb (
°C)
(see note 2)
70 W
58 W
36 W
18 W
-30
-10
0
10
203040
5060
7080
-20
90
RECOMMENDED LAMP POWER RANGE APPLICATION
Note 2: the ignition temperature range is given with starting aid, as required in the IEC 81 and IEC 926 (§6.3.1) standards.
Symbol
Parameter
Value
Unit
Top
Operating Junction temperature range
-30 to +125
°C
Tstg
Storage temperature range
-55 to +150
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
Vcc
Maximum supply voltage
14
V
Ptot
Power dissipation
500
mW
ESD
Electrostatic discharge between any pins
Standard: MIL STD 883C Human Body Model
1kV
VSENSE
Input operating range
±10
V
DRIVER: EFS2 A & EFS2B
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
Tcase = 90
°C1
A
Tcase
IT(RMS) =1A
tOFF = 0.16s
tON = 0.75s
+ 120
°C
ITSM
Surge peak on-state current
Tj initial = 25
°C, tp = 10ms
Minimum repetitive rate periode : 1min.
15
A
VDRM
VRRM
Repetitive peak off-state voltage
600
V
ASD
™: EFS21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com