Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFS2B Datasheet(PDF) 1 Page - STMicroelectronics

Part # EFS2B
Description  STARLIGHT-KIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EFS2B Datasheet(HTML) 1 Page - STMicroelectronics

  EFS2B Datasheet HTML 1Page - STMicroelectronics EFS2B Datasheet HTML 2Page - STMicroelectronics EFS2B Datasheet HTML 3Page - STMicroelectronics EFS2B Datasheet HTML 4Page - STMicroelectronics EFS2B Datasheet HTML 5Page - STMicroelectronics EFS2B Datasheet HTML 6Page - STMicroelectronics EFS2B Datasheet HTML 7Page - STMicroelectronics EFS2B Datasheet HTML 8Page - STMicroelectronics EFS2B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
EFS
®
May 2000 - Ed: 5A
STARLIGHT-KIT
2-CHIPS SET FOR FLUORESCENT LAMP STARTER
PENTAWATT HV
EFS21-TL5
n
Very low component count: 2 chips + 7 passive
components
n
Meet
EN55015
standards
WITHOUT
EMI
capacitor
n
Extended life time of the fluorescent lamp due to
smooth and single shot ignition
n
High inherent reliability and extended life time
of the starter
BENEFITS
The EFS Kit is a 2 chips set used with 7 additional
passive components, for Glow switch Starter.
The
ASD
™ (Application Specific Discretes)
includes a bi-directional Power Switch and a
Power Supply for the driver.
The driver provides a program to ensure a fully
optimised linear fluorescent lamp ignition.
DESCRIPTION
Application Specific Discretes
A.S.D.
™
S014
EFS2A-CD
EFS2B-CD
n
VERY WIDE TEMPERATURE RANGE:
tube ignition from -30 to + 85
°C
n
SINGLE SHOT IGNITION FROM -30 to 0
°C:
350mA, 1350V striking pulse
n
VERY WIDE POWER RANGE:
Fluorescent tube lamp ignition from 18 to 70W
n
EFS2B driver compatible with 50/60Hz
operation
n
SELECTABLE PREHEAT TIME:
EFS2A driver: 1.5s or 2.56s (50Hz)
EFS2B driver: 0.74s or 1.24s (50Hz)
EFS2B driver: 0.62s or 1.03s (60Hz)
n
8 STRIKING PULSES CAPABILITY:
for very cold environment or ageing lamp
n
STARTER SHUTDOWN WITH FAILED LAMP
FEATURES
TM : ASD is trademark of STMicroelectronics.


Similar Part No. - EFS2B

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
EFS2B YENYO-EFS2B Datasheet
665Kb / 2P
Surface Mount Efficient Fast Recovery Rectifier
More results

Similar Description - EFS2B

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CSA-11262 BUD-CSA-11262 Datasheet
45Kb / 1P
SUPPORT ANGLE KIT, CHASSIS KIT
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
logo
Freescale Semiconductor...
TWR-S08LL64-KIT FREESCALE-TWR-S08LL64-KIT Datasheet
85Kb / 3P
Freescale - TWR-S08LL64-KIT - Development Kit
logo
List of Unclassifed Man...
426120410-3 ETC2-426120410-3 Datasheet
139Kb / 2P
KIT 60145-3 ODF KIT
382-0330 ETC2-382-0330 Datasheet
149Kb / 2P
Kit
logo
PHOENIX CONTACT
2913159 PHOENIX-2913159 Datasheet
43Kb / 2P
Mounting kit - VL Panel Mounting Kit
2913160 PHOENIX-2913160 Datasheet
44Kb / 2P
Mounting kit - VL BOOKSHELF MOUNTING KIT
2701177 PHOENIX-2701177 Datasheet
43Kb / 2P
Mounting kit - VL PANEL MOUNTING KIT
logo
SparkFun Electronics
ROB-13140 SPARKFUN-ROB-13140 Datasheet
105Kb / 2P
Actobotics Kit - Channel Slider Kit
12????8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com