Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV16F Datasheet(PDF) 8 Page - STMicroelectronics

Part # DTV16F
Description  CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV16F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button DTV16F Datasheet HTML 2Page - STMicroelectronics DTV16F Datasheet HTML 3Page - STMicroelectronics DTV16F Datasheet HTML 4Page - STMicroelectronics DTV16F Datasheet HTML 5Page - STMicroelectronics DTV16F Datasheet HTML 6Page - STMicroelectronics DTV16F Datasheet HTML 7Page - STMicroelectronics DTV16F Datasheet HTML 8Page - STMicroelectronics DTV16F Datasheet HTML 9Page - STMicroelectronics DTV16F Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
0
20
40
60
80
100
120
140
300
350
400
450
500
550
600
650
700
tfr(ns)
dIF/dt(A/µs)
IF=Ip
90% confidence
Tj=125°C
DTV56
DTV82
DTV110
Fig. 8-2: Forward recovery time versus dIF/dt.
0
20
40
60
80
100
120
140
400
450
500
550
600
650
700
750
800
tfr(ns)
dIF/dt(A/µs)
IF=Ip
90% confidence
Tj=125°C
DTV32
DTV64
DTV16
DTV16
DTV16
Fig. 8.1: Forward recovery time versus dIF/dt.
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Tj(°C)
VFP,IRM,Qrr[Tj]/VFP,IRM,Qrr[Tj=125°C]
VFP
IRM
Qrr
Fig. 9: Dynamic parameters versus junction
temperature.
1
1
10
100
200
10
100
200
C(pF)
Tj=25°C
F=1MHz
VR(V)
DTV110
DTV16
DTV16
DTV16
DTV82
DTV64
DTV56
DTV32
Fig. 10: Junction capacitance versus reverse
voltage applied (typical values).
1E-2
1E-1
1E+0
1E+1
0.1
0.2
0.5
1.0
tp(s)
K=[Zth(j-c)/Rth(j-c)]
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
tp
Fig. 11-1: Relative variation of thermal impedance
junction
to
case
versus
pulse
duration
(ISOWATT220AC).
1E-3
1E-2
1E-1
1E+0
0.1
0.2
0.5
1.0
tp(s)
K=[Zth(j-c)/Rth(j-c)]
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
tp
Fig. 12-2: Relative variation of thermal impedance
junction
to
case
versus
pulse
duration
(TO-220AC).
DTVseries
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com