Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV16F Datasheet(PDF) 2 Page - STMicroelectronics

Part # DTV16F
Description  CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV16F Datasheet(HTML) 2 Page - STMicroelectronics

  DTV16F Datasheet HTML 1Page - STMicroelectronics DTV16F Datasheet HTML 2Page - STMicroelectronics DTV16F Datasheet HTML 3Page - STMicroelectronics DTV16F Datasheet HTML 4Page - STMicroelectronics DTV16F Datasheet HTML 5Page - STMicroelectronics DTV16F Datasheet HTML 6Page - STMicroelectronics DTV16F Datasheet HTML 7Page - STMicroelectronics DTV16F Datasheet HTML 8Page - STMicroelectronics DTV16F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Symbol
Parameter
Value
Unit
TO-220AC
ISOWATT220AC
Rth(j-c)
Junction to case thermal
resistance
DTV16
3
5.5
°C/W
DTV32
2.5
4.75
DTV56
2
4
DTV64
1.8
4
DTV82
1.6
3.7
DTV110
1.3
3.5
THERMAL RESISTANCES
Symbol
Test Conditions
Value
Unit
Tj = 25°C
Tj = 125°C
Typ
Max
Typ
Max
VF *
IF = 5 A
DTV16
1.6
1.0
1.5
V
IF = 6 A
DTV32
1.5
1.1
1.35
IF = 6 A
DTV56
1.8
1.1
1.5
IF = 6 A
DTV64
1.7
1.1
1.4
IF = 6 A
DTV82
1.8
1.0
1.3
IF = 10 A
DTV110
2.3
1.15
1.5
IR **
VR = VRRM
DTV16
60
100
500
µA
DTV32
100
100
1000
DTV56
100
100
1000
DTV64
100
100
1000
DTV82
100
100
1000
DTV110
100
100
1000
pulse test : * tp = 380
µs, δ < 2%
** tp = 5 ms,
δ < 2%
STATIC ELECTRICAL CHARACTERISTICS
DTVseries
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com