Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV16F Datasheet(PDF) 6 Page - STMicroelectronics

Part # DTV16F
Description  CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV16F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button DTV16F Datasheet HTML 2Page - STMicroelectronics DTV16F Datasheet HTML 3Page - STMicroelectronics DTV16F Datasheet HTML 4Page - STMicroelectronics DTV16F Datasheet HTML 5Page - STMicroelectronics DTV16F Datasheet HTML 6Page - STMicroelectronics DTV16F Datasheet HTML 7Page - STMicroelectronics DTV16F Datasheet HTML 8Page - STMicroelectronics DTV16F Datasheet HTML 9Page - STMicroelectronics DTV16F Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
1E-3
1E-2
1E-1
1E+0
0
5
10
15
20
25
30
35
40
45
50
55
60
IM(A)
Tc=100°C
DTV32D & DTV56D
DTV16D
t(s)
IM
t
δ=0.5
Fig. 4-1: Non repetitive surge peak forward current
versus overload duration (TO-220AC)
(DTV16D / DTV32D / DTV56D).
1E-3
1E-2
1E-1
1E+0
0
5
10
15
20
25
30
35
40
45
Tc=100°C
DTV16F
DTV32F & DTV56F
t(s)
IM
t
δ=0.5
IM(A)
Fig. 4-2: Non repetitive surge peak forward current
versus overload duration (ISOWATT220AC)
(DTV16F / DTV32F / DTV56F).
1E-3
1E-2
1E-1
1E+0
0
10
20
30
40
50
60
70
80
90
100
Tc=100°C
DTV64D
DTV82D
DTV110D
t(s)
IM
t
δ=0.5
IM(A)
Fig. 4-3: Non repetitive surge peak forward current
versus overload duration (TO-220AC)
(DTV64D / DTV82D / DTV110D).
1E-3
1E-2
1E-1
1E+0
0
5
10
15
20
25
30
35
40
45
50
55
60
IM(A)
Tc=100°C
DTV110F
DTV82F
DTV64F
t(s)
IM
t
δ=0.5
Fig. 4-4: Non repetitive surge peak forward current
versus overload duration (ISOWATT220AC)
(DTV64F / DTV82F / DTV110F).
0.1
0.2
0.5
1
2
5
0
200
400
600
800
1000
1200
Qrr(nc)
IF=Ip
90% confidence
Tj=125°C
DTV32
DTV64
DTV82
dIF/dt(A/µs)
Fig. 5.2: Reverse recovery charges versus dIF/dt.
0.1
0.2
0.5
1.0
2.0
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Qrr(µC)
dIF/dt(A/µs)
IF=Ip
90% confidence
Tj=125°C
Fig. 5.1: Reverse recovery charges versus dIF/dt
(DTV16D/F).
DTVseries
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com