Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTV16F Datasheet(PDF) 1 Page - STMicroelectronics

Part # DTV16F
Description  CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DTV16F Datasheet(HTML) 1 Page - STMicroelectronics

  DTV16F Datasheet HTML 1Page - STMicroelectronics DTV16F Datasheet HTML 2Page - STMicroelectronics DTV16F Datasheet HTML 3Page - STMicroelectronics DTV16F Datasheet HTML 4Page - STMicroelectronics DTV16F Datasheet HTML 5Page - STMicroelectronics DTV16F Datasheet HTML 6Page - STMicroelectronics DTV16F Datasheet HTML 7Page - STMicroelectronics DTV16F Datasheet HTML 8Page - STMicroelectronics DTV16F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
August 1999 - Ed: 2B
HIGH BREAKDOWN VOLTAGE CAPABILITY
VERY FAST RECOVERY DIODE
SPECIFIED TURN ON SWITCHING
CHARACTERISTICS
LOW STATIC AND PEAK FORWARD VOLTAGE
DROP FOR LOW DISSIPATION
SUITED TO
32-110kHz MONITORS AND
16kHz TV DEFLECTION
INSULATED VERSION (ISOWATT220AC):
Insulating voltage = 2000V DC
Capacitance = 12pF
PLANAR TECHNOLOGY ALLOWING HIGH
QUALITY
AND
BEST
ELECTRICAL
CHARACTERISTICS
FEATURES AND BENEFITS
High voltage diode with high current capability
dedicated to horizontal deflection. DTV16 is
optimized to TV meanwhile DTV32 to DTV110 are
covering the full range of monitors from the low
end to the professional hi-definition SXGA CAD
display units.
These devices are packaged either in TO220-AC
or in ISOWATT220AC.
DESCRIPTION
IF(AV)
5 A to 10 A
VRRM
1500 V
VF
1.3 V to 1.5 V
MAIN PRODUCTS CHARACTERISTICS
DTVseries
®
(CRT HORIZONTAL DEFLECTION)
HIGH VOLTAGE DAMPER DIODE
K
A
TO-220AC
DTVxxxD
K
A
ISOWATT220AC
DTVxxxF
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
1500
V
IF(RMS)
RMS forward current
15
A
IFSM
Surge non repetitive forward current
tp = 10ms half sine wave
DTV16
50
A
DTV32
75
DTV56
80
DTV64
80
DTV82
80
DTV110
80
Tstg
Storage temperature range
-65 to 150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE RATINGS
1/10


Similar Part No. - DTV16F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DTV1500 STMICROELECTRONICS-DTV1500 Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500HD STMICROELECTRONICS-DTV1500HD Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500HF STMICROELECTRONICS-DTV1500HF Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500HFP STMICROELECTRONICS-DTV1500HFP Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500HXX STMICROELECTRONICS-DTV1500HXX Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
More results

Similar Description - DTV16F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DTV1500HXX STMICROELECTRONICS-DTV1500HXX Datasheet
89Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV1500MXX STMICROELECTRONICS-DTV1500MXX Datasheet
90Kb / 8P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Jan-2002
DTV32G-1500B STMICROELECTRONICS-DTV32G-1500B Datasheet
85Kb / 6P
CRT HORIZONTAL DEFLECTION HIGH VOLTAGE DAMPER DIODE
Nov-1997
logo
Sanyo Semicon Device
2SC3176 SANYO-2SC3176 Datasheet
73Kb / 3P
CRT Horizontal Deflection Output Applications (with Damper Diode)
logo
Fairchild Semiconductor
KSC5802 FAIRCHILD-KSC5802 Datasheet
85Kb / 5P
High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
logo
KEC(Korea Electronics)
KSC5803 KEC-KSC5803 Datasheet
90Kb / 5P
High Voltage Color Display Horizontal Deflection Output(No Damper Diode)
logo
Fairchild Semiconductor
KSD5703 FAIRCHILD-KSD5703 Datasheet
69Kb / 5P
High Voltage Color Display Horizontal Deflection Output (No Damper Diode)
KSC5801 FAIRCHILD-KSC5801 Datasheet
79Kb / 6P
High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
logo
STMicroelectronics
DTV1500LFP STMICROELECTRONICS-DTV1500LFP Datasheet
42Kb / 5P
(CRT HORIZONTAL DEFLECTION) HIGH VOLTAGE DAMPER DIODE
Jan-2002
logo
Fairchild Semiconductor
KSD5702 FAIRCHILD-KSD5702 Datasheet
80Kb / 5P
High Voltage Color Display Horizontal Deflection Output (Damper Diode Built In)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com