Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025AMC7F Datasheet(PDF) 25 Page - STMicroelectronics

Part # M41TC8025AMC7F
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025AMC7F Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M41TC8025AMC7F Datasheet HTML 21Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 22Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 23Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 24Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 25Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 26Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 27Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 28Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
DocID022873 Rev 4
25/41
M41TC8025
Operation
2.8
Alarm interrupt function
The alarm interrupt function generates an alarm at the condition set in the alarm registers in
08h to 0Ah. Once the current clock and calendar match the alarm condition, the alarm
function is activated. The flag bit (AF) will be set to 1 to indicate the alarm event and the IRQ
pin will be pulled low if enabled (bit AIE=1). There is no auto clear of either the IRQ pin or
the flag bit.
The alarm interrupt function related registers are given in Table 19.
Note:
All the alarm interrupt function related register bits are marked in bold.
2.8.1
Related registers
Registers from 01h to 04h are the current clock and calendar registers and are described in
detail in Section 2.4: Clock and calendar.
Registers from 08h to 0Ah are the alarm condition setting for minutes, hours and day/date.
The MSB of each register is the alarm masking bit AM_M, AM_H and AM_D. If AM_x=0, the
alarm occurs when the alarm register setting matches the corresponding current clock and
calendar register values. If AM_x=1, this alarm register value will not be compared with the
corresponding clock and calendar value.
Register 0Ah is defined for day-of-week or date (day of month). It can be selected by WADA
(Week-alarm/Day-alarm) bit in register 0Dh. If WADA=0, day-of-week is selected. If
WADA=1, date (day of month) is selected.
The possible values of the alarm minutes register in 08h are in BCD format of "00", "01",
"02" and up to "59".
The possible values of the alarm hours register in 09h are in BCD format of "00", "01", "02"
and up to "23".
In the alarm day-of-week register in 0Ah, one bit represents one day from bit 0 to bit 6,
which is the same definition as the calendar Day-of-week register 03h. The only difference
Table 19. Alarm interrupt related register bits
Address
Function
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01h
Minutes
0
40
20
10
842
1
02h
Hours
0
0
20
10
8
4
2
1
03h
Day-of-week
0
6
5
4
321
0
04h
Date (day of month)
0
0
20
10
8
4
2
1
08h
Alarm minutes
AM_M
40
20
10
8
4
2
1
09h
Alarm hours
AM_H
x
20
10
8
4
2
1
0Ah
Alarm day
AM_D
6
5
4321
0
Alarm date
x
20
10
8
4
2
1
0Dh
Extension register
TEST
WADA
USEL
TE
FSEL1
FSEL0
TSEL1
TSEL0
0Eh
Flag register
0
0
UF
TF
AF
0
VLF
VDET
0Fh
Control register
CSEL1
CSEL0
UIE
TIE
AIE
00
RESET
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com