Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025AMC7F Datasheet(PDF) 33 Page - STMicroelectronics

Part # M41TC8025AMC7F
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025AMC7F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M41TC8025AMC7F Datasheet HTML 29Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 30Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 31Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 32Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 33Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 34Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 35Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 36Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
DocID022873 Rev 4
33/41
M41TC8025
DC and AC parameters
4
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics tables that
follow, are derived from tests performed under the measurement conditions summarized in
Table 25: Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Table 25. Operating and AC measurement conditions
Parameter
Value
Unit
Clock operating and timekeeping VCC supply voltage
1.6 to 5.5
V
I2C interface operating VCC supply voltage
1.8 to 5.5
V
Temperature compensation VCC supply voltage
2.2 to 5.5
V
Ambient operating temperature (TA)
-45 to +85
°C
Table 26. Frequency characteristics
Parameter
Condition
Value
Unit
Accuracy
TA = -40 to +85 °C; VCC = 3.0 V (version A)
TA = -45 to 70 °C; VCC = 3.0 V (version C)
±5.0
ppm
TA = 0 to +50 °C; VCC = 3.0 V
±3.8
ppm
Frequency/voltage
characteristics
TA = 25 °C; VCC = 2.2 to 5.5 V
±1.0
ppm/V
Aging
TA = 25 °C; VCC = 3.0 V, the first year
±3.0
ppm/year
Oscillator startup
TA = -40 to +85 °C; VCC = 2.2 to 5.5 V
3.0 (max)
s
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com