Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025AMC7F Datasheet(PDF) 36 Page - STMicroelectronics

Part # M41TC8025AMC7F
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025AMC7F Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M41TC8025AMC7F Datasheet HTML 32Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 33Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 34Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 35Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 36Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 37Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 38Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 39Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
DC and AC parameters
M41TC8025
36/41
DocID022873 Rev 4
Figure 23. Bus timing requirement sequence
Note:
When accessing this device, all communication from transmitting the START condition to
transmitting the STOP condition should be completed within 0.95 seconds.
If such communication requires 0.95 seconds or longer, the I2C bus interface is reset by the
internal bus timeout function. Refer to the detailed description in Section 2.2.8: I2C timeout
function on page 13.
Table 28. AC characteristics
Symbol
Parameter(1)
1. Valid for ambient operating temperature: TA = -40 to 85 °C or TA = -45 to 70 °C; VCC = 1.8 to 5.5 V (except
where noted).
Min
Typ
Max
Unit
fSCL
SCL clock frequency
0
400
kHz
tLOW
Clock low period
1.3
μs
tHIGH
Clock high period
600
ns
tR
SDA and SCL rise time
300
ns
tF
SDA and SCL fall time
300
ns
tHD:STA
START condition hold time
(after this period the first clock pulse is generated)
600
ns
tSU:STA
START condition setup time
(only relevant for a repeated start condition)
600
ns
tSU:DAT(2)
2. tSU:DAT = 100 ns (min) for VCC 2.2 V.
Data setup time
100
ns
tHD:DAT
Data hold time
0
μs
tSU:STO
STOP condition setup time
600
ns
tBUF
Time the bus must be free before a new
transmission can start
1.3
μs
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com