Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41TC8025AMC7F Datasheet(PDF) 27 Page - STMicroelectronics

Part # M41TC8025AMC7F
Description  Highly accurate, temperature-compensated serial real-time clock (RTC) with embedded crystal
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41TC8025AMC7F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M41TC8025AMC7F Datasheet HTML 23Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 24Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 25Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 26Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 27Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 28Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 29Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 30Page - STMicroelectronics M41TC8025AMC7F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
DocID022873 Rev 4
27/41
M41TC8025
Operation
Note:
1
x means don't care.
2
If all the AM_M, AM_H and AM_D bits in register 08h, 09h and 0Ah are set to 1, that means
all the day-of-month, hours and minutes registers do not compare and the alarm will be
generated every minute.
The alarm event only happens when the current clock and calendar counts match the alarm
condition. Even if the current date/time is set as the alarm condition, the alarm will not occur
until the counter counts up to the current date/time (i.e., an alarm will occur the next time,
not immediately).
2.8.3
Example operation of the alarm interrupt
The alarm interrupt example is given in Figure 16. The alarm interrupt timing sequence is
given in Figure 17.
Figure 16. Example of alarm interrupt operation
Note:
There is no auto-clear of the IRQ pin.
Table 21. Date alarm settings
Register 0Ah
Reg.
09h
Reg.
08h
Alarm description
Date (day-of-month) alarm
Hour
Minute
Bit 7
AM_D
Bit 6
0
Bit 5
20
Bit 4
10
Bit 3
08
Bit 2
04
Bit 1
02
Bit 0
S01
Date (day-
of-month)
is selected
(WADA=1)
0
0
0
0
1000
18h
80h~
FFh
The 8th of each month at
6:00 pm, the minute
value is not compared
0
0
0
1
1000
80h~
FFh
28h
The 18th of each month
at 28 minutes each hour,
the hour value is not
compared
1
x
x
x
x
x
x
x
18h
18h
Every day at 6:18 pm
1
x
x
x
xxxx
80h~
FFh
80h~
FFh
Alarm at every minute
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com