Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC42 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC42
Description  BCD to decimal decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC42 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC42 Datasheet HTML 1Page - STMicroelectronics M74HC42 Datasheet HTML 2Page - STMicroelectronics M74HC42 Datasheet HTML 3Page - STMicroelectronics M74HC42 Datasheet HTML 4Page - STMicroelectronics M74HC42 Datasheet HTML 5Page - STMicroelectronics M74HC42 Datasheet HTML 6Page - STMicroelectronics M74HC42 Datasheet HTML 7Page - STMicroelectronics M74HC42 Datasheet HTML 8Page - STMicroelectronics M74HC42 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DocID1973 Rev 2
5/12
M74HC42
Absolute maximum ratings and operating conditions
2
Absolute maximum ratings and operating conditions
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to +7
V
VI
DC input voltage
-0.5 to VCC + 0.5
V
VO
DC output voltage
-0.5 to VCC + 0.5
V
IIK
DC input diode current
 20
mA
IOK
DC output diode current
 20
mA
IO
DC output current
 25
mA
ICC or
IGND
DC VCC or ground current
 50
mA
PD
Power dissipation
500(1)
1. 500 mW at 65
C. Derate to 300 mW by 10 mW/C from 65 C to 85 C.
mW
Tstg
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec.)
300
°C
Table 5. Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2 to 6
V
VI
Input voltage
0 to VCC
V
VO
Output voltage
0 to VCC
V
Top
Operating temperature
-55 to 125
°C
tr, tf
Input rise and fall time
VCC = 2 V
0 to 1000
ns
VCC = 4.5 V
0 to 500
ns
VCC = 6 V
0 to 400
ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com