Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC42 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HC42
Description  BCD to decimal decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC42 Datasheet(HTML) 3 Page - STMicroelectronics

  M74HC42 Datasheet HTML 1Page - STMicroelectronics M74HC42 Datasheet HTML 2Page - STMicroelectronics M74HC42 Datasheet HTML 3Page - STMicroelectronics M74HC42 Datasheet HTML 4Page - STMicroelectronics M74HC42 Datasheet HTML 5Page - STMicroelectronics M74HC42 Datasheet HTML 6Page - STMicroelectronics M74HC42 Datasheet HTML 7Page - STMicroelectronics M74HC42 Datasheet HTML 8Page - STMicroelectronics M74HC42 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DocID1973 Rev 2
3/12
M74HC42
Pin connections
1
Pin connections
Figure 1. Pin connections and IEC logic symbols
Figure 2. Input and output equivalent circuit
Table 2. Pin descriptions
Pin number
Symbol
Name and function
15, 14, 13, 12
A, B, C, D
Data inputs
1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 11
Y0 to Y9
Multiplexer outputs
8
GND
Ground (0 V)
16
VCC
Positive supply voltage
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com