Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC42 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC42
Description  BCD to decimal decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC42 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC42 Datasheet HTML 3Page - STMicroelectronics M74HC42 Datasheet HTML 4Page - STMicroelectronics M74HC42 Datasheet HTML 5Page - STMicroelectronics M74HC42 Datasheet HTML 6Page - STMicroelectronics M74HC42 Datasheet HTML 7Page - STMicroelectronics M74HC42 Datasheet HTML 8Page - STMicroelectronics M74HC42 Datasheet HTML 9Page - STMicroelectronics M74HC42 Datasheet HTML 10Page - STMicroelectronics M74HC42 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DocID1973 Rev 2
7/12
M74HC42
Absolute maximum ratings and operating conditions
Figure 4. Test circuit
1. CL = 50 pF or equivalent (includes jig and probe capacitance). RT = ZOUT of pulse generator (typically 50 ).
Table 7. AC electrical characteristics (CL = 50 pF, input tr = tf = 6 ns)
Symbol
Parameter
Test condition
Value
Unit
VCC (V)
TA = 25 °C
-40 to 85 °C
-55 to 125 °C
Min.
Typ. Max. Min. Max.
Min.
Max.
tTLH
tTHL
Output transition time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH
tPHL
Propagation delay time
2.0
64
130
165
195
ns
4.5
16
26
33
39
6.0
14
22
28
33
Table 8. Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC (V)
TA = 25 °C
-40 to 85 °C
-55 to 125 °C
Min.
Typ. Max. Min. Max.
Min.
Max.
CIN
Input capacitance
5.0
5
10
10
10
pF
CPD
Power dissipation
capacitance(1)
5.0
60
pF
1. CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current
consumption without load (refer to Figure 4). The average operating current can be obtained by the following equation:
ICC(opr) = CPD x VCC x fIN + ICC.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com