Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC42 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC42
Description  BCD to decimal decoder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC42 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC42 Datasheet HTML 1Page - STMicroelectronics M74HC42 Datasheet HTML 2Page - STMicroelectronics M74HC42 Datasheet HTML 3Page - STMicroelectronics M74HC42 Datasheet HTML 4Page - STMicroelectronics M74HC42 Datasheet HTML 5Page - STMicroelectronics M74HC42 Datasheet HTML 6Page - STMicroelectronics M74HC42 Datasheet HTML 7Page - STMicroelectronics M74HC42 Datasheet HTML 8Page - STMicroelectronics M74HC42 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This is information on a product in full production.
May 2013
DocID1973 Rev 2
1/12
12
M74HC42
BCD to decimal decoder
Datasheet
- production data
Features
 High speed: tpd = 14 ns (typ.) at VCC = 6 V
 Low power dissipation:
ICC = 4 A (max.) at TA = 25 °C
 High noise immunity:
VNIH = VNIL = 28% VCC (min.)
 Symmetrical output impedance:
|IOH| = IOL = 4 mA (min.)
 Balanced propagation delays: tPLH  tPHL
 Wide operating voltage range:
VCC (OPR) = 2 to 6 V
 Pin and function compatible with 74 series 42
Description
The M74HC42 is a high-speed CMOS BCD to
decimal decoder manufactured with silicon gate
C2MOS technology.
A BCD code applied to the four inputs A-D selects
one of ten decimal outputs Y0 to Y9. All outputs
are HIGH when binary codes greater than nine
are applied to the inputs.This device can also be
used as a 1 of 8 decoder when the D input is
assigned as an inhibit input. This device is useful
for code conversion, address decoding, memory
selection, demultiplexing or readout decoding.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
SO-16
Table 1. Order code
Order code
Package
M74HC42RM13TR
SOP
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - M74HC42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC42 STMICROELECTRONICS-M74HC42 Datasheet
246Kb / 10P
BCD TO DECIMAL DECODER
Dec-1992
M74HC42 STMICROELECTRONICS-M74HC42 Datasheet
308Kb / 9P
BCD TO DECIMAL DECODER
Jul-2001
M74HC423 STMICROELECTRONICS-M74HC423 Datasheet
290Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
M74HC423A STMICROELECTRONICS-M74HC423A Datasheet
290Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
M74HC423AB1R STMICROELECTRONICS-M74HC423AB1R Datasheet
290Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
More results

Similar Description - M74HC42

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
64Kb / 6P
BCD-to-decimal decoder
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
BCD-TO-DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
BCD-to-Decimal Decoder
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
BCD to decimal decoder
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com