Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204DRGYRG4 Datasheet(PDF) 17 Page - Texas Instruments

Part # LSF0204DRGYRG4
Description  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204DRGYRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LSF0204DRGYRG4 Datasheet HTML 13Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 14Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 15Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 16Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 17Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 18Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 19Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 20Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
10.2.2 MDIO Application
EN
A1
A2
B1
B2
Vcc
Rpu
Rpu
MDC
MDIO
Vcc
MDC
MDIO
GND
Rpu
Rpu
A3
A4
B3
B4
ON
Off
1.0 V
enable signal
SW
SW
SW
SW
LSF0204
Vpu_2 = 1.0 V
Vrev_A = 1.0 V Vrev_B = 3.3 V
Vpu_1 = 3.3 V
Figure 10-4. Typical Application Circuit (MDIO/Bidirectional Interface)
10.2.2.1 Design Requirements
Refer to Design Requirements.
10.2.2.2 Detailed Design Procedure
Refer to Detailed Design Procedure
10.2.2.3 Application Curve
Input (3.3V)
Output (1.0V)
Figure 10-5. Captured Waveform From Above MDIO Setup
www.ti.com
LSF0204, LSF0204D
SLVSCP5H – JULY 2014 – REVISED APRIL 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com