Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204DRGYRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # LSF0204DRGYRG4
Description  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204DRGYRG4 Datasheet(HTML) 5 Page - Texas Instruments

  LSF0204DRGYRG4 Datasheet HTML 1Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 2Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 3Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 4Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 5Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 6Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 7Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 8Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Table 6-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
PW, RGY
RUT
YZP
Vref_A
1
1
B2
—
Reference supply voltage; see Application and Implementation section
A1
2
2
A3
I/O
Input/output 1.
A2
3
3
B3
I/O
Input/output 2.
A3
4
4
C3
I/O
Input/output 3.
A4
5
5
D3
I/O
Input/output 4.
NC
6
–
—
—
No connection. Not internally connected.
GND
7
6
D2
—
Ground
EN
8
12
C2
I
Switch enable input; LSF0204: EN is high-active; LSF0204D: EN is
low-active
NC
9
–
—
—
No connection. Not internally connected.
B4
10
7
D1
I/O
Input/output 4.
B3
11
8
C1
I/O
Input/output 3.
B2
12
9
B1
I/O
Input/output 2.
B1
13
10
A1
I/O
Input/output 1.
Vref_B
14
11
A2
—
Reference supply voltage; see Application and Implementation section
(1)
I = input, O = output
www.ti.com
LSF0204, LSF0204D
SLVSCP5H – JULY 2014 – REVISED APRIL 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com