Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204DRGYRG4 Datasheet(PDF) 19 Page - Texas Instruments

Part # LSF0204DRGYRG4
Description  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204DRGYRG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LSF0204DRGYRG4 Datasheet HTML 15Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 16Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 17Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 18Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 19Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 20Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 21Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 22Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
11 Power Supply Recommendations
There are no power sequence requirements for the LSF Family. Refer to Section 10.2.1.1.1 for enabling and
reference voltage guidelines.
12 Layout
12.1 Layout Guidelines
The signal integrity is highly related with pull-up resistor and PCB capacitance condition because LSF Family is
switch-type level translator
• Short signal trace as possible to reduce capacitance and minimize stub from pull-up resistor.
• Place LSF close to high voltage side.
• Select the appropriate pull-up resistor that applies to translation levels and driving capability of transmitter.
12.2 Layout Example
GND
Vref_A
EN
Vref_B
A1
A2
B1
B2
LSF0102
Short Signal Trace as possible
Minimize Stub as possible
1
2
3
4
5
6
7
8
Figure 12-1. Short Trace Layout
SDIO Connector
(3.3V IO)
SD Controller
(1.8V IO)
LSF0108
SDIO level translator
Device PCB
TP1
TP2
Figure 12-2. Device Placement
www.ti.com
LSF0204, LSF0204D
SLVSCP5H – JULY 2014 – REVISED APRIL 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com