Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0204DRGYRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # LSF0204DRGYRG4
Description  LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Application
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0204DRGYRG4 Datasheet(HTML) 1 Page - Texas Instruments

  LSF0204DRGYRG4 Datasheet HTML 1Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 2Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 3Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 4Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 5Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 6Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 7Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 8Page - Texas Instruments LSF0204DRGYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
LSF0204x 4-Bits Bidirectional Multi-Voltage Level Translator for Open-Drain and
Push-Pull Application
1 Features
• Provides bidirectional voltage translation with no
direction terminal
• Supports up to 100-MHz up translation and greater
than 100-MHz down translation
at ≤ 30-pF capacitor load and up to 40-MHz up/
down translation at 50-pF capacitor load
• Supports Ioff, partial power-down mode (refer to
Feature Description)
• Allows bidirectional voltage level translation
between
– 0.8 V ↔ 1.8, 2.5, 3.3, 5 V
– 1.2 V ↔ 1.8, 2.5, 3.3, 5 V
– 1.8 V ↔ 2.5, 3.3, 5 V
– 2.5 V ↔ 3.3, 5 V
– 3.3 V ↔ 5 V
• Low standby current
• 5 V Tolerance I/O port to support TTL
• Low Ron provides less signal distortion
• High-impedance I/O terminals for EN = Low
• Flow-through pinout for easy PCB trace routing
• Latch-up performance exceeds 100 mA per
JESD17
• –40°C to 125°C operating temperature range
• ESD performance tested per JESD 22
– 2000-V human-body model (A114-B, Class II)
– 200-V machine model (A115-A)
– 1000-V charged-device model (C101)
2 Applications
• GPIO, MDIO, PMBus, SMBus, SDIO, UART, I2C,
and other interfaces in telecom infrastructure
• Industrial
• Automotive
• Personal computing
3 Description
The LSF family consists of bidirectional voltage
level translators that operate from 0.8 V to 4.5 V
(Vref_A) and 1.8 V to 5.5 V (Vref_B). This range
allows for bidirectional voltage translations between
0.8 V and 5.0 V without the need for a direction
terminal in open-drain or push-pull applications. The
LSF family supports level translation applications with
transmission speeds greater than 100 MHz for open-
drain systems that utilize a 15-pF capacitance and
165-Ω pull-up resistor.
When the An or Bn port is LOW, the switch is in
the ON-state and a low resistance connection exists
between the An and Bn ports. The low Ron of the
switch allows connections to be made with minimal
propagation delay and signal distortion. The voltage
on the A or B side will be limited to Vref_A and
can be pulled up to any level between Vref_A and
5 V. This functionality allows a seamless translation
between higher and lower voltages selected by the
user without the need for directional control.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LSF0204x
TSSOP (14)
5.00 mm × 4.40 mm
UQFN (12)
2.00 mm × 1.70 mm
VQFN (14)
3.50 mm × 3.50 mm
DSBGA (12)
1.90 mm × 1.40 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
Vref_A
Vref_B
EN
GND
A1
A2
A3
A4
B1
B2
B3
B4
LSF0204
SW
SW
SW
SW
Simplified Schematic
LSF0204, LSF0204D
SLVSCP5H – JULY 2014 – REVISED APRIL 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LSF0204DRGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0204DRGYR TI1-LSF0204DRGYR Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
More results

Similar Description - LSF0204DRGYRG4

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM3208 UNIONSEMI-UM3208 Datasheet
383Kb / 11P
8-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204 Datasheet
356Kb / 13P
4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202 UNIONSEMI-UM3202 Datasheet
354Kb / 13P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
Bidirectional voltage level translator for open-drain and push-pull applications
UM3202 UNIONSEMI-UM3202_16 Datasheet
363Kb / 15P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3202F UNIONSEMI-UM3202F Datasheet
289Kb / 11P
2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
UM3204 UNIONSEMI-UM3204_14 Datasheet
366Kb / 15P
4-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
logo
Nexperia B.V. All right...
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
logo
Nexperia B.V. All right...
LSF0204 NEXPERIA-LSF0204 Datasheet
244Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 28 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com