Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-1155 Datasheet(PDF) 21 Page - Seiko Instruments Inc

Part # S-1155
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1155 Datasheet(HTML) 21 Page - Seiko Instruments Inc

Back Button S-1155 Datasheet HTML 17Page - Seiko Instruments Inc S-1155 Datasheet HTML 18Page - Seiko Instruments Inc S-1155 Datasheet HTML 19Page - Seiko Instruments Inc S-1155 Datasheet HTML 20Page - Seiko Instruments Inc S-1155 Datasheet HTML 21Page - Seiko Instruments Inc S-1155 Datasheet HTML 22Page - Seiko Instruments Inc S-1155 Datasheet HTML 23Page - Seiko Instruments Inc S-1155 Datasheet HTML 24Page - Seiko Instruments Inc S-1155 Datasheet HTML 25Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.1.1_00
S-1155 Series
Seiko Instruments Inc.
21
Reference Data
(1) Characteristics of Input Transient Response (Ta = 25°C)
S-1155B10
IOUT = 100 mA, tr = tf = 5.0
µs, COUT = 4.7 µF, CIN = 4.7 µF
S-1155B30
IOUT = 100 mA, tr = tf = 5.0
µs, COUT = 4.7 µF, CIN = 4.7 µF
0
200
t [
µs]
−200
600
0
4
3
2
1
400
800 1000 1200
0.95
1.00
1.05
1.10
1.15
VIN
VOUT
0
6
5
4
3
2
1
0
200
t [
µs]
−200
600
400
800 1000 1200
3.00
3.05
3.10
3.15
3.20
2.90
2.95
VIN
VOUT
S-1155B50
IOUT = 100 mA, tr = tf = 5.0
µs, COUT = 4.7 µF, CIN = 4.7 µF
0
7
6
5
4
3
2
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
0
200
t [
µs]
−200
600
400
800 1000 1200
1
VIN
VOUT
(2) Characteristics of Load Transient Response (Ta = 25
°C)
S-1155B10
VIN = 2.0 V, COUT = 4.7
µF, CIN = 4.7 µF, IOUT = 50 ↔ 100 mA
S-1155B30
VIN = 4.0 V, COUT = 4.7
µF, CIN = 4.7 µF, IOUT = 50 ↔ 100 mA
0
150
100
50
−50
−100
0.90
0.95
1.00
1.05
1.10
1.15
1.20
0
200
t [
µs]
−200
600
400
800 1000 1200
−150
IOUT
VOUT
0
150
100
50
−50
−100
2.90
2.95
3.00
3.05
3.10
3.15
3.20
0
200
t [
µs]
−200
600
400
800 1000 1200
−150
IOUT
VOUT
S-1155B50
VIN = 5.5 V, COUT = 4.7
µF, CIN = 4.7 µF, IOUT = 50 ↔ 100 mA
0
50
−50
−100
4.90
4.95
5.00
5.05
5.10
5.15
5.20
0
200
t [
µs]
−200
600
400
800 1000 1200
−150
IOUT
VOUT
100
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com