Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-1155 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-1155
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1155 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-1155 Datasheet HTML 7Page - Seiko Instruments Inc S-1155 Datasheet HTML 8Page - Seiko Instruments Inc S-1155 Datasheet HTML 9Page - Seiko Instruments Inc S-1155 Datasheet HTML 10Page - Seiko Instruments Inc S-1155 Datasheet HTML 11Page - Seiko Instruments Inc S-1155 Datasheet HTML 12Page - Seiko Instruments Inc S-1155 Datasheet HTML 13Page - Seiko Instruments Inc S-1155 Datasheet HTML 14Page - Seiko Instruments Inc S-1155 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.1.1_00
S-1155 Series
Seiko Instruments Inc.
11
Explanation of Terms
1. Low dropout voltage regulator
This IC’s voltage regulator has the low dropout voltage due to its built-in transistor with low on-resistance.
2. Output voltage (VOUT)
The accuracy of the output voltage is ensured at
±1.0% or ±15 mV
*2 under the specified conditions of fixed input
voltage
*1, fixed output current, and fixed temperature.
*1.
Differs depending on the product.
*2.
When VOUT < 1.5 V :
±15 mV, When 1.5 V ≤ VOUT : ±1.0%
Caution
If the above conditions change, the output voltage value may vary and exceed the accuracy
range of the output voltage. See “ Electrical Characteristics” and “
Characteristics (Typical
Data)” for details.
3. Line regulation
•
∆
∆
OUT
IN
OUT1
V
V
V
Indicates the dependency of the output voltage against the input voltage. That is, the value shows how much the
output voltage changes due to a change in the input voltage after fixing output current constant.
4. Load regulation (
∆VOUT2)
Indicates the dependency of the output voltage against the output current. That is, the value shows how much the
output voltage changes due to a change in the output current after fixing output current constant.
5. Dropout voltage (Vdrop)
Indicates the difference between the output voltage and the input voltage VIN1, which is the input voltage (VIN) when;
decreasing input voltage VIN gradually until the output voltage has dropped to the value of 98% of output voltage
VOUT3, which is at VIN = VOUT(S)
+ 1.0 V or 5.5 V.
Vdrop = VIN1
− (VOUT3 × 0.98)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com