Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-1155 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-1155
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1155 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-1155 Datasheet HTML 9Page - Seiko Instruments Inc S-1155 Datasheet HTML 10Page - Seiko Instruments Inc S-1155 Datasheet HTML 11Page - Seiko Instruments Inc S-1155 Datasheet HTML 12Page - Seiko Instruments Inc S-1155 Datasheet HTML 13Page - Seiko Instruments Inc S-1155 Datasheet HTML 14Page - Seiko Instruments Inc S-1155 Datasheet HTML 15Page - Seiko Instruments Inc S-1155 Datasheet HTML 16Page - Seiko Instruments Inc S-1155 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.1.1_00
S-1155 Series
Seiko Instruments Inc.
13
Operation
1. Basic operation
Figure 11
shows the block diagram of the S-1155 Series.
The error amplifier compares the reference voltage (Vref) with Vfb, which is the output voltage resistance-divided by
feedback resistors Rs and Rf. It supplies the gate voltage necessary to maintain the constant output voltage which
is not influenced by the input voltage and temperature change, to the output transistor.
VOUT
*1
VSS
VIN
Rs
Rf
Error amplifier
Current
supply
Vref
Vfb
−
+
Reference voltage
circuit
*1.
Parasitic diode
Figure 11
2. Output transistor
In the S-1155 Series, a low on-resistance P-channel MOS FET is used as the output transistor.
Be sure that VOUT does not exceed VIN
+ 0.3 V to prevent the voltage regulator from being damaged due to inverse
current which flows, because of a parasitic diode between the VIN and VOUT pin, when the potential of VOUT
became higher than VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com