Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14V2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA14V2
Description  QUAD TRANSIL ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA14V2 Datasheet HTML 1Page - STMicroelectronics ESDA14V2 Datasheet HTML 2Page - STMicroelectronics ESDA14V2 Datasheet HTML 3Page - STMicroelectronics ESDA14V2 Datasheet HTML 4Page - STMicroelectronics ESDA14V2 Datasheet HTML 5Page - STMicroelectronics ESDA14V2 Datasheet HTML 6Page - STMicroelectronics ESDA14V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ESDAxxSC5 / ESDAxxSC6
2/7
Symbol
Test conditions
Value
Unit
VPP
ESD discharge - MIL STD 883C - Method 3015-6
IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
25
16
9
kV
PPP
Peak pulse power (8/20
µs) note1
500
W
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Lead solder temperature (10 second duration)
260
°C
Top
Operating temperature range
-40 to +125
°C
note 1 : 300 W for ESDA14V2SC5 AND ESDA14V2SC6
note 2: Evolution of functional parameters is given by curves.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C)
I
IF
V F
VBR
VRM
I PP
I RM
V
1
Rd
Slope:
Types
VBR
@IR
IRM @VRM
Rd
αTC
VF @IF
min.
max.
max.
typ.
max.
typ.
max.
note 1
note 2
0V bias
VV
mA
µAV
m
Ω
10
-4/°C
pF
V
mA
ESDA5V3SC5
ESDA5V3SC6
5.3
5.9
1
2
3
230
5
280
1.25
200
ESDA6V1SC5
ESDA6V1SC6
6.1
7.2
1
20
5.25
350
6
190
1.25
200
ESDA14V2SC5
ESDA14V2SC6
14.2
15.8
1
5
12
650
10
100
1.25
200
ESDA25SC6
25
30
1
1
24
1000
10
60
1.2
10
note 1 : Square pulse, Ipp = 15A, tp=2.5
µs.
note 2 :
∆ VBR = αT* (Tamb -25°C) * VBR (25°C)
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
C
Capacitance
Rd
Dynamic resistance
VF
Forward voltage drop
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com