Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14V2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDA14V2
Description  QUAD TRANSIL ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2 Datasheet(HTML) 6 Page - STMicroelectronics

  ESDA14V2 Datasheet HTML 1Page - STMicroelectronics ESDA14V2 Datasheet HTML 2Page - STMicroelectronics ESDA14V2 Datasheet HTML 3Page - STMicroelectronics ESDA14V2 Datasheet HTML 4Page - STMicroelectronics ESDA14V2 Datasheet HTML 5Page - STMicroelectronics ESDA14V2 Datasheet HTML 6Page - STMicroelectronics ESDA14V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ESDAxxSC5 / ESDAxxSC6
6/7
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45 0.035
0.057
A1
0
0.15
0
0.006
A2
0.90
1.30 0.035
0.0512
b
0.35
0.50 0.0137
0.02
c
0.09
0.20 0.004
0.008
D
2.80
3.00
0.11
0.118
E
1.50
1.75 0.059
0.0689
e
0.95
0.0374
H
2.60
3.00 0.102
0.118
L
0.10
0.60 0.004
0.024
M
10°
10°
L
M
c
E
A2
A
A1
b
H
D
e
e
PACKAGE MECHANICAL DATA
SOT23-5L
Type
Marking
ESDA6V1SC5
EC61
ESDA6V1SC6
ES61
ESDA5V3SC5
EC53
Packaging: Standard packaging is tape and reel.
MARKING
ORDER CODE
ESDA 6V1
SC6
ESD ARRAY
VBR min
PACKAGE :
SC5: SOT23-5L
SC6: SOT23-6L
Type
Marking
ESDA5V3SC6
ES53
ESDA14V2SC5
EC15
ESDA14V2SC6
ES15
ESDA25SC6
ES25
Packaging: Standard packaging is tape and reel.
MARKING
mm
inch
0.65
0.025
0.95
0.037
FOOT PRINT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com