Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14V2 Datasheet (PDF) - STMicroelectronics

ESDA14V2 Datasheet PDF - STMicroelectronics
Part # ESDA14V2
Download  ESDA14V2 Download
File Size   69.4 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD TRANSIL ARRAY FOR ESD PROTECTION

ESDA14V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDA14V2 Datasheet PDF - STMicroelectronics

Part # ESDA14V2
Download  ESDA14V2 Click to download

File Size   69.4 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD TRANSIL ARRAY FOR ESD PROTECTION

ESDA14V2 Datasheet (HTML) - STMicroelectronics


ESDA14V2 Product details

DESCRIPTION

The ESDAxxSC5 and ESDAxxSC6 are monolithic voltage suppressors designed to protect components which are connected to data and transmission lines against ESD.



FEATURES

 4 UNIDIRECTIONAL TRANSIL FUNCTIONS

 LOW LEAKAGE CURRENT: IRmax. < 20µA at VBR

 500 W PEAK PULSE POWER (8/20µs)



APPLICATIONS

Where transient overvoltage protection in ESD sensitive equipment is required, such as :

-COMPUTERS

- PRINTERS

- COMMUNICATION SYSTEMS

- GSM HANDSETS AND ACCESSORIES

- OTHER TELEPHONE SET




Similar Part No. - ESDA14V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2 STMICROELECTRONICS-ESDA14V2 Datasheet
60Kb / 6P
DUAL TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
logo
Weitron Technology
ESDA14V2 WEITRON-ESDA14V2 Datasheet
590Kb / 3P
Dual transil arr ay for ESD protection
logo
STMicroelectronics
ESDA14V2-1BF3 STMICROELECTRONICS-ESDA14V2-1BF3 Datasheet
210Kb / 9P
Single-line bidirectional Transil™ array for ESD protection
25-Jun-2009
ESDA14V2-2BF STMICROELECTRONICS-ESDA14V2-2BF Datasheet
170Kb / 9P
Quad bidirectional Transi array for ESD protection
29-Apr-2008
ESDA14V2-2BF3 STMICROELECTRONICS-ESDA14V2-2BF3 Datasheet
170Kb / 9P
Quad bidirectional Transi array for ESD protection
29-Apr-2008
More results


Similar Description - ESDA14V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
Jun-2002
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
Quad bidirectional Transil array for ESD protection
18-Apr-2008
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
Quad low capacitance Transil array for ESD protection
11-Jul-2007
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5_07 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
Automotive quad Transil™ array for ESD protection
September 2012 Rev 1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com