Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA14V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA14V2
Description  QUAD TRANSIL ARRAY FOR ESD PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA14V2 Datasheet HTML 1Page - STMicroelectronics ESDA14V2 Datasheet HTML 2Page - STMicroelectronics ESDA14V2 Datasheet HTML 3Page - STMicroelectronics ESDA14V2 Datasheet HTML 4Page - STMicroelectronics ESDA14V2 Datasheet HTML 5Page - STMicroelectronics ESDA14V2 Datasheet HTML 6Page - STMicroelectronics ESDA14V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
ESDAxxSC5
ESDAxxSC6
QUAD TRANSIL ARRAY
FOR ESD PROTECTION
®
SOT23-5L (SC-59)
ESDAxxSC5
DESCRIPTION
The ESDAxxSC5 and ESDAxxSC6 are monolithic
voltage
suppressors
designed
to
protect
components which are connected to data and
transmission lines against ESD.
They clamp the voltage just above the logic level
supply for positive transients, and to a diode drop
below ground for negative transient.
March 2000 Ed: 5D
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
-COMPUTERS
- PRINTERS
- COMMUNICATION SYSTEMS
- GSM HANDSETS AND ACCESSORIES
- OTHER TELEPHONE SET
APPLICATIONS
SOT23-6L (SC-59)
ESDAxxSC6
FUNCTIONAL DIAGRAM
SOT23-5L
SOT23-6L
Application Specific Discretes
A.S.D.
BENEFITS
High ESD protection level : up to 25 kV
High integration
Suitable for high density boards
IEC61000-4-2 : level 4
MIL STD 883C-Method 3015-6 : class3
(human body model)
COMPLIES
WITH
THE
FOLLOWING
STAN-
DARDS:
n
4 UNIDIRECTIONAL TRANSIL FUNCTIONS
n
LOW LEAKAGE CURRENT: IR max. < 20
µAat
VBR
n
500 W PEAK PULSE POWER (8/20
µs)
FEATURES
1
2
3
5
4
1
2
3
6
5
4


Similar Part No. - ESDA14V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2 STMICROELECTRONICS-ESDA14V2 Datasheet
60Kb / 6P
DUAL TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
logo
Weitron Technology
ESDA14V2 WEITRON-ESDA14V2 Datasheet
590Kb / 3P
Dual transil arr ay for ESD protection
logo
STMicroelectronics
ESDA14V2-1BF3 STMICROELECTRONICS-ESDA14V2-1BF3 Datasheet
210Kb / 9P
Single-line bidirectional Transil™ array for ESD protection
25-Jun-2009
ESDA14V2-2BF STMICROELECTRONICS-ESDA14V2-2BF Datasheet
170Kb / 9P
Quad bidirectional Transi array for ESD protection
29-Apr-2008
ESDA14V2-2BF3 STMICROELECTRONICS-ESDA14V2-2BF3 Datasheet
170Kb / 9P
Quad bidirectional Transi array for ESD protection
29-Apr-2008
More results

Similar Description - ESDA14V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDALC6V1W5 STMICROELECTRONICS-ESDALC6V1W5 Datasheet
145Kb / 9P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
Jun-2002
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
QUAD TRANSIL™ ARRAY FOR ESD PROTECTION
Jan-2003
ESDA6V1-4F1 STMICROELECTRONICS-ESDA6V1-4F1 Datasheet
43Kb / 6P
QUAD TRANSIL ARRAY FOR ESD PROTECTION
July 2002 - Ed: 2A
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ESDAXXSCX STMICROELECTRONICS-ESDAXXSCX Datasheet
86Kb / 10P
QUAD TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
Quad bidirectional Transil array for ESD protection
18-Apr-2008
ESDALC6V1F2 STMICROELECTRONICS-ESDALC6V1F2 Datasheet
88Kb / 7P
Quad low capacitance Transil array for ESD protection
11-Jul-2007
ESDA5V3SC5 STMICROELECTRONICS-ESDA5V3SC5_07 Datasheet
153Kb / 11P
Quad Transil array for ESD protection
22-Nov-2007
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
Automotive quad Transil™ array for ESD protection
September 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com