Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVMPA Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASVMPA
Description  Plastic SMD MEMS Clock Oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVMPA Datasheet(HTML) 3 Page - Abracon Corporation

  ASVMPA Datasheet HTML 1Page - Abracon Corporation ASVMPA Datasheet HTML 2Page - Abracon Corporation ASVMPA Datasheet HTML 3Page - Abracon Corporation ASVMPA Datasheet HTML 4Page - Abracon Corporation ASVMPA Datasheet HTML 5Page - Abracon Corporation ASVMPA Datasheet HTML 6Page - Abracon Corporation ASVMPA Datasheet HTML 7Page - Abracon Corporation ASVMPA Datasheet HTML 8Page - Abracon Corporation ASVMPA Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ASVMPA series
Plastic SMD MEMS Clock Oscillator
Revision: IR
Initial Release 9/2/2025
Page 3
Disclaimer
lign
Check Inventory
S
lign
Request Samples
Parameters
Min.
Typ.
Max.
Units
Notes
Supply Current (Idd)
50
mA
RL = 50Ω
Output Logic Level
VOH
Vdd-1.145
V
RL = 50Ω
VOL
Vdd-1.695
V
Peak to Peak Output Swing (Vpp)
800
mV
Single ended
Rise Time
Tr
200
250
ps
RL=50Ω, 20% to 80%
Fall Time
Tf
250
300
Duty Cycle
48
52
%
Differential
Integrated Phase Jitter (JPH)
0.65
psRMS 12kHz ~ 20MHz, @ 156.25MHz
Period Jitter RMS (JPER)
2.0
ps
10k cycles, @156.25MHz
Period Jitter (JPTP, pk-pk)
20
ps
10k cycles, @156.25MHz
Parameters
Min.
Typ.
Max.
Units
Notes
Supply Current (Idd)
32
mA
RL = 100Ω
Output Offset Voltage (VOS)
1.15
1.25
1.35
V
RL = 100Ω differential
Peak to Peak Output Swing (Vpp)
250
350
450
mV
Single ended
Rise Time
Tr
120
170
220
ps
RL=100Ω, 20% to 80%
Fall Time
Tf
Duty Cycle
48
52
%
Differential
Integrated Phase Jitter (JPH)
0.65
psRMS
12kHz ~ 20MHz, @156.25MHz,
T =-40 ~ +105°C
0.9
2kHz ~ 20MHz, @156.25MHz,
T =-40 ~ +105°C
Phase Jitter (JRMS-CC)
0.025
0.1
psRMS PCIe Gen 6.0, 64 GT/s
Period Jitter RMS (JPER)
2.5
ps
10k cycles, @156.25MHz
Period Jitter (JPTP, pk-pk)
20
10k cycles, @156.25MHz
Period Jitter RMS (JPER)
3.0
T =-40 ~ +105°C, @156.25MHz
Period Jitter (JPTP, pk-pk)
25
T =-40 ~ +105°C, @156.25MHz
Key Electrical Specifications – LVPECL (VDD = 2.5V±10% or 3.3V±10%, T =-40 ~ +105°C)
Key Electrical Specifications – LVDS (VDD = 2.5V±10% or 3.3V±10%, T =-40 ~ +105°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com