Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVMPA Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASVMPA
Description  Plastic SMD MEMS Clock Oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVMPA Datasheet(HTML) 1 Page - Abracon Corporation

  ASVMPA Datasheet HTML 1Page - Abracon Corporation ASVMPA Datasheet HTML 2Page - Abracon Corporation ASVMPA Datasheet HTML 3Page - Abracon Corporation ASVMPA Datasheet HTML 4Page - Abracon Corporation ASVMPA Datasheet HTML 5Page - Abracon Corporation ASVMPA Datasheet HTML 6Page - Abracon Corporation ASVMPA Datasheet HTML 7Page - Abracon Corporation ASVMPA Datasheet HTML 8Page - Abracon Corporation ASVMPA Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ASVMPA series
Plastic SMD MEMS Clock Oscillator
Revision: IR
Initial Release 9/2/2025
Page 1
Disclaimer
lign
Check Inventory
S
lign
Request Samples
Description
Parameters
Min.
Typ.
Max.
Units
Notes
Frequency Range
CMOS
2.5000
170.0000
MHz
-20 ~ +70°C
-40 ~ +85°C
-40 ~ +105°C
-40 ~ 125°C
LVPECL
2.5000
450.0000
-20 ~ +70°C
-40 ~ +85°C
-40 ~ +105°C
LVDS
2.3000
450.0000
-20 ~ +70°C
-40 ~ +85°C
-40 ~ +105°C
-40 ~ +125°C
HCSL
2.3000
450.0000
-20 ~ +70°C
-40 ~ +85°C
-40 ~ +105°C
Operating Temperature
-20
+70
°C
See options
Storage Temperature
-55
+150
°C
Overall Frequency Stability Note 4
-50
+50
ppm See options
Supply Voltage (Vdd)Note 1
+2.25
+3.63
V
Startup Time (tSU) Note 2
5.5
6
ms
Enable Time (tEN)
350
ns
OE Option
6
ms
Power Down Option
The Abracon ASVMPA series is a programmable MEMS oscillator, with a continuous
operating power supply ranging from 2.25V to 3.63V. This series features low power
consumption, a wide frequency range, exceptional phase noise, tight stabilities, and short
lead times for industrial, consumer, and other applications. The ASVMPA series comes
in a 7.0 x 5.0 mm compact package with CMOS, HCSL, LVDS, or LVPECL output logic.
Extended Operating Temperature at -40 to +125°C (LVDS
and CMOS only)
MIL-STD-883 shock and vibration compliant
Durable QFN Plastic Compact Packaging
Tri-State or Power Down functions
PCIe Gen1-6 Compliant Output
Low RMS Jitter 650 fs (typ.)
REACH/RoHS II Compliant | MSL Level 1
Features
Applications
Storage Area Networks (SATA, SAS, Fiber
Channel)
Passive Optical Networks (EPON, 10G-
EPON, GPON, 10G-PON)
Ethernet (1G, 10GBASE-T,/KR/LR/SR,
FCoE)
PCI Express
Display port
Key Electrical Specifications


Similar Part No. - ASVMPA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVMP ABRACON-ASVMP Datasheet
3Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
More results

Similar Description - ASVMPA

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9000 ACT-ACT9000 Datasheet
101Kb / 3P
Plastic, SMD controlled clock oscillator.
26/09/05
logo
ECS, Inc.
ECS-327SMO ECS-ECS-327SMO Datasheet
136Kb / 1P
SMD CLOCK OSCILLATOR
ECS-2025 ECS-ECS-2025 Datasheet
249Kb / 2P
SMD CLOCK OSCILLATOR
ECS-3951M ECS-ECS-3951M Datasheet
120Kb / 1P
SMD CLOCK OSCILLATOR
ECS-2532HS ECS-ECS-2532HS Datasheet
194Kb / 2P
SMD CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-1633 ETC2-ECS-1633 Datasheet
804Kb / 1P
SMD CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-327KE ECS-ECS-327KE Datasheet
513Kb / 2P
SMD CLOCK OSCILLATOR
ECS-2532HS ECS-ECS-2532HS_12 Datasheet
1Mb / 3P
SMD CLOCK OSCILLATOR
logo
TEMEX
RXO7050M TEMEX-RXO7050M Datasheet
815Kb / 9P
SMD Clock Oscillator
logo
ECS, Inc.
ECS-1633 ECS-ECS-1633 Datasheet
804Kb / 1P
SMD CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com