Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVMPA Datasheet(PDF) 13 Page - Abracon Corporation

Part # ASVMPA
Description  Plastic SMD MEMS Clock Oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVMPA Datasheet(HTML) 13 Page - Abracon Corporation

Back Button ASVMPA Datasheet HTML 6Page - Abracon Corporation ASVMPA Datasheet HTML 7Page - Abracon Corporation ASVMPA Datasheet HTML 8Page - Abracon Corporation ASVMPA Datasheet HTML 9Page - Abracon Corporation ASVMPA Datasheet HTML 10Page - Abracon Corporation ASVMPA Datasheet HTML 11Page - Abracon Corporation ASVMPA Datasheet HTML 12Page - Abracon Corporation ASVMPA Datasheet HTML 13Page - Abracon Corporation ASVMPA Datasheet HTML 14Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ASVMPA series
Plastic SMD MEMS Clock Oscillator
Revision: IR
Initial Release 9/2/2025
Page 13
Disclaimer
lign
Check Inventory
S
lign
Request Samples
Tape Specifications (mm)
Width
Ao
Bo
Do
D1 (Min)
E1
F
Ko
16mm
*
*
1.5+0.1/-0.0
1.0
1.75±0.1 7.5±0.10
*
Width
P1
P2
P0
T (Max) T1 (Max) T2 (Max) W (Max)
16mm
8.0±0.1 2.0±0.1
4.0±0.1
0.6
0.1
8.0
16.3
*Note: Compliant to EIA-481
Dimension: mm
Packaging
T: 1,000pcs/reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com