Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVMPA Datasheet(PDF) 5 Page - Abracon Corporation

Part # ASVMPA
Description  Plastic SMD MEMS Clock Oscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVMPA Datasheet(HTML) 5 Page - Abracon Corporation

  ASVMPA Datasheet HTML 1Page - Abracon Corporation ASVMPA Datasheet HTML 2Page - Abracon Corporation ASVMPA Datasheet HTML 3Page - Abracon Corporation ASVMPA Datasheet HTML 4Page - Abracon Corporation ASVMPA Datasheet HTML 5Page - Abracon Corporation ASVMPA Datasheet HTML 6Page - Abracon Corporation ASVMPA Datasheet HTML 7Page - Abracon Corporation ASVMPA Datasheet HTML 8Page - Abracon Corporation ASVMPA Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ASVMPA series
Plastic SMD MEMS Clock Oscillator
Revision: IR
Initial Release 9/2/2025
Page 5
Disclaimer
lign
Check Inventory
S
lign
Request Samples
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational sections of this specification is not intended. Exposure to maximum
rating conditions for extended periods may affect device reliability. The data sheet limits are not guaranteed if
the device is operated beyond the recommended operating conditions.
CMOS Test Circuit
Item
Min.
Max.
Units
Supply voltage
-0.3
+4.0
V
Input voltage
-0.3
Vdd+0.3
V
Junction Temp.
+150
°C
Storage Temp.
-55
+150
°C
Soldering Temp.
+260
°C
ESD
HBM
MM
CDM
4,000
400
1,500
V
Absolute Maximum Ratings
Recommended Test Circuit (Unless specified otherwise: T=25° C, VDD=3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com