Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62GXP Datasheet(PDF) 64 Page - STMicroelectronics

Part # L99PM62GXP
Description  Power management IC with LIN and high speed CAN
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62GXP Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L99PM62GXP Datasheet HTML 60Page - STMicroelectronics L99PM62GXP Datasheet HTML 61Page - STMicroelectronics L99PM62GXP Datasheet HTML 62Page - STMicroelectronics L99PM62GXP Datasheet HTML 63Page - STMicroelectronics L99PM62GXP Datasheet HTML 64Page - STMicroelectronics L99PM62GXP Datasheet HTML 65Page - STMicroelectronics L99PM62GXP Datasheet HTML 66Page - STMicroelectronics L99PM62GXP Datasheet HTML 67Page - STMicroelectronics L99PM62GXP Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
Electrical specifications
L99PM62GXP
64/102
Doc ID 17639 Rev 4
DO timing
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; 4.5 V < V1 < 5.3 V; all outputs open; Tj = -40 °C to
130 °C, unless otherwise specified.
CSN timing
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V < VS < 18 V; 4.5 V < V1 < 5.3 V; all outputs open; Tj = -40 °C to
130 °C, unless otherwise specified.
IDOLK
3-state leakage current
VCSN = V1, 0 V < VDO < V1
-10
10
µA
CDO
2
3-state input capacitance
VCSN = V1,
0 V < V1 < 5.3 V
10
15
pF
Table 40.
DO timing(1)
1.
See Figure 33 and Figure 34.
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tr DO
DO rise time
CL = 100 pF, ILOAD = -1 mA
-
50
100
ns
tf DO
DO fall time
CL = 100 pF, ILOAD = 1 mA
-
50
100
ns
ten DO tri L
DO enable time
from 3-state to low level
CL = 100 pF, ILOAD = 1 mA
pull-up load to V1
-50
250
ns
tdis DO L tri
DO disable time
from low level to 3-state
CL = 100 pF, ILOAD = 4 mA
pull-up load to V1
-50
250
ns
ten DO tri H
DO enable time
from 3-state to high level
CL = 100 pF, ILOAD = -1 mA
pull-down load to GND
-50
250
ns
tdis DO H tri
DO disable time
from high level to 3-state
CL = 100 pF, ILOAD = -4 mA
pull-down load to GND
-50
250
ns
td DO
DO delay time
VDO < 0.3 V1,
VDO > 0.7 V1,
CL = 100 pF
-50
250
ns
Table 41.
CSN timing(1)
1.
See Figure 35.
Symbol
Parameter
Test Condition
Min. Typ. Max. Unit
tCSN_HI,min
Minimum CSN HI
time, active mode
Transfer of SPI-command to Input
register
6µs
tCSNfail
CSN low timeout
Tested by scan chain
20
35
50
ms
Table 39.
DO output pin (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com