Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62GXP Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99PM62GXP
Description  Power management IC with LIN and high speed CAN
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62GXP Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99PM62GXP Datasheet HTML 35Page - STMicroelectronics L99PM62GXP Datasheet HTML 36Page - STMicroelectronics L99PM62GXP Datasheet HTML 37Page - STMicroelectronics L99PM62GXP Datasheet HTML 38Page - STMicroelectronics L99PM62GXP Datasheet HTML 39Page - STMicroelectronics L99PM62GXP Datasheet HTML 40Page - STMicroelectronics L99PM62GXP Datasheet HTML 41Page - STMicroelectronics L99PM62GXP Datasheet HTML 42Page - STMicroelectronics L99PM62GXP Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
L99PM62GXP
Protection and diagnosis
Doc ID 17639 Rev 4
39/102
The PWM 1 / 3 channels start a PWM period with the ON phase, while the PWM 2 / 4
channels start with the OFF phase. In this way it is possible to use the 4 PWM channels in a
phase shifted way.
The Figure 21 shows this feature with a duty cycle of 25% for both PWM channels.
Figure 21.
Phase shifted PWM
3.4
Low-side driver outputs REL1, REL2
The outputs REL1, REL2 (RDSon = 2 Ω typical at 25 °C) are specially designed to drive relay
loads.
The outputs provide an active output zener clamping (45 V typical) feature for the
demagnetization of the relay coil, even though a load dump condition exists.
For fail-safe reasons the relay drivers are linked with the fail safe operation: in case of
entering the fail safe mode, the relay drivers switches off and the SPI control bits are set to
default (i.e. driver is off).
The low-side drivers switch off in case of:
●
VS over and undervoltage
●
Overcurrent
●
Overtemperature with pre warning
In case of overload or overtemperature (TSD1) condition, the drivers switches off. The
according status bit is latched and can be read and optionally cleared by SPI. The drivers
remain off until the status is cleared.
OUT4
PWM 4
Timer 2
OUTHS
PWM 3 / PWM 4
Timer 1 / Timer 2
Table 7.
PWM configuration for high-side outputs (continued)
High-side output
PWM channel
Internal timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com