Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62GXP Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99PM62GXP
Description  Power management IC with LIN and high speed CAN
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62GXP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99PM62GXP Datasheet HTML 17Page - STMicroelectronics L99PM62GXP Datasheet HTML 18Page - STMicroelectronics L99PM62GXP Datasheet HTML 19Page - STMicroelectronics L99PM62GXP Datasheet HTML 20Page - STMicroelectronics L99PM62GXP Datasheet HTML 21Page - STMicroelectronics L99PM62GXP Datasheet HTML 22Page - STMicroelectronics L99PM62GXP Datasheet HTML 23Page - STMicroelectronics L99PM62GXP Datasheet HTML 24Page - STMicroelectronics L99PM62GXP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
L99PM62GXP
Detailed description
Doc ID 17639 Rev 4
21/102
Figure 8.
Operating modes
2.4
Configurable window watchdog
During normal operation, the watchdog monitors the micro controller within a programmable
trigger cycle: (10 ms, 50 ms, 100 ms, 200 ms)
In VBAT standby and Flash program modes, the watchdog circuit is automatically disabled.
In V1 standby mode a wake up by timer is programmable in order to wake up the µC (see
Section 2.2.8: Timer interrupt / wake-up of microcontroller by timer). After wake-up, the
watchdog starts with a long open window. After serving the watchdog, the µC may send the
device back to V1 standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com