Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99PM62GXP Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99PM62GXP
Description  Power management IC with LIN and high speed CAN
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM62GXP Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99PM62GXP Datasheet HTML 24Page - STMicroelectronics L99PM62GXP Datasheet HTML 25Page - STMicroelectronics L99PM62GXP Datasheet HTML 26Page - STMicroelectronics L99PM62GXP Datasheet HTML 27Page - STMicroelectronics L99PM62GXP Datasheet HTML 28Page - STMicroelectronics L99PM62GXP Datasheet HTML 29Page - STMicroelectronics L99PM62GXP Datasheet HTML 30Page - STMicroelectronics L99PM62GXP Datasheet HTML 31Page - STMicroelectronics L99PM62GXP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
Detailed description
L99PM62GXP
28/102
Doc ID 17639 Rev 4
2.6
Reset output (NRESET)
If V1 is turned on and the voltage exceeds the V1 reset threshold, the reset output
“NRESET” is pulled up by internal pull up resistor to V1 voltage after a reset delay time (trd).
This is necessary for a defined start of the micro controller when the application is switched
on. Since the NRESET output is realized as an open drain output it is also possible to
connect an external NRESET open drain NRESET source to the output. It must be
considered that as soon the NRESET is released from the L99PM62 the Watchdog timing
starts.
A reset pulse is generated in case of:
●
V1 drops below Vrth (configurable by SPI) for t > tUV1
●
Watchdog failure
Note:
An external pull-up resistor (1k
Ω) to V1 is recommended in order to ensure ILOAD1 > Icmp
during reset condition
2.7
Operational amplifiers
The operational amplifiers are especially designed to be used for sensing and amplifying the
voltage drop across ground connected shunt resistors. Therefore the input common mode
range includes -0.2 V to 3 V.
The operational amplifiers are designed for -0.2 V to +3 V input voltage swing and rail-to-rail
output voltage range.
All pins (positive, negative and outputs) are available to be able to operate in non-inverting
and inverting mode. Both operational amplifiers are on-chip compensated for stability over
the whole operating range within the defined load impedance.
The operational amplifiers may also be used to setup an additional high current voltage
source with an external pass element. Refer to Section 2.1.3 for a detailed description.
2.8
LIN bus interface
Features
●
Speed communication up to 20 kbit/s.
●
LIN 2.1 compliant (SAEJ2602 compatible) transceiver.
●
Function range from +40 V to -18 V DC at LIN pin.
●
GND disconnection fail safe at module level.
●
Off mode: does not disturb network.
●
GND shift operation at system level.
●
Micro controller Interface with CMOS compatible I/O pins.
●
Internal pull up resistor.
●
Internal high-side switch to disconnect master pull-up resistor in case of short circuit of
bus signal.
●
ESD and transient immunity according to ISO7637 and EN / IEC61000-4-2.
●
Matched output slopes and propagation delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com