Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WSS6TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # M41ST87WSS6TR
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WSS6TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M41ST87WSS6TR Datasheet HTML 27Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 28Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 29Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 30Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 31Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 32Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 33Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 34Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
M41ST87W
Clock operation
DocID9497 Rev 11
31/54
3.3
Calibrating the clock
The M41ST87Y/W is driven by a quartz controlled oscillator with a nominal frequency of
32,768 Hz. The devices are tested to not exceed ±35 ppm (parts per million) oscillator
frequency error at 25
°C, with ±20 ppm crystals, which translates to about ±1.53 minutes
per month. Even better accuracy can be achieved with higher accuracy crystals. When the
calibration circuit is properly employed, accuracy can be improved to better than ±2 ppm at
25 °C.
The oscillation rate of crystals changes with temperature (see Figure 22: "Crystal accuracy
across temperature"). Therefore, the M41ST87Y/W design employs periodic counter
correction. The calibration circuit adds or subtracts counts from the oscillator divider circuit
at the divide by 256 stage, as shown in Figure 23: "Calibration waveform". The number of
times pulses which are blanked (subtracted, negative calibration) or split (added, positive
calibration) depends upon the value loaded into the five calibration bits found in the control
register. Adding counts speeds the clock up, subtracting counts slows the clock down.
The calibration bits occupy the five lower order bits (D4-D0) in the control register (08h).
These bits can be set to represent any value between 0 and 31 in binary form. Bit D5 is a
sign bit; '1' indicates positive calibration, '0' indicates negative calibration. Calibration
occurs within a 64 minute cycle. The first 62 minutes in the cycle may, once per minute,
have one second either shortened by 128 or lengthened by 256 oscillator cycles. If a binary
'1' is loaded into the register, only the first 2 minutes in the 64 minute cycle will be modified;
if a binary 6 is loaded, the first 12 will be affected, and so on.
Therefore, each calibration step has the effect of adding 512 or subtracting 256 oscillator
cycles for every 125,829,120 actual oscillator cycles, that is +4.068 or –2.034 ppm of
adjustment per calibration step in the calibration register. Assuming that the oscillator is
running at exactly 32,768 Hz, each of the 31 increments in the calibration byte would
represent +10.7 or –5.35 seconds per month which corresponds to a total range of +5.5 or
–2.75 minutes per month.
Two methods are available for ascertaining how much calibration a given M41ST87Y/W
may require.
The first involves setting the clock, letting it run for a month and comparing it to a known
accurate reference and recording deviation over a fixed period of time. Calibration values,
including the number of seconds lost or gained in a given period, can be found in
application note AN934, “TIMEKEEPER
® calibration.” This allows the designer to give the
end user the ability to calibrate the clock as the environment requires, even if the final
product is packaged in a non-user serviceable enclosure. The designer could provide a
simple utility that accesses the calibration byte.
The second approach is better suited to a manufacturing environment, and involves the
use of the SQW/FT pin. The pin will toggle at 512 Hz, when the stop bit (ST) is '0,' the
frequency test bit (FT) is '1,' and SQWE is '0.'
Any deviation from 512 Hz indicates the degree and direction of oscillator frequency shift at
the test temperature. For example, a reading of 512.010124 Hz would indicate a +20 ppm
oscillator frequency error, requiring a –10 (XX001010) to be loaded into the calibration byte
for correction. Note that setting or changing the calibration byte does not affect the
frequency test output frequency.
If the SQWOD bit = '1,' the SQW/FT pin is an open drain output which requires a pull-up
resistor to VCC
for proper operation. A 500 to 10 kΩ resistor is recommended in order to
control the rise time. The FT bit is cleared on power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com