Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WSS6TR Datasheet(PDF) 40 Page - STMicroelectronics

Part # M41ST87WSS6TR
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WSS6TR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M41ST87WSS6TR Datasheet HTML 36Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 37Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 38Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 39Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 40Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 41Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 42Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 43Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
Clock operation
M41ST87W
40/54
DocID9497 Rev 11
3.18
Initial power-on defaults
Table 14: Default values
Condition
TR
ST
OF
OFIE
HT
(1)
Out
FT
AFE
ABE
SQWE
SQWOD
PFOD
Watchdog register
(2)
Initial power-up
0
0
1
0
1
1
0
0
0
0
1
1
0
Subsequent power-up (with battery backup)
(3)(4)
UC
UC
UC
0 ↑
0 ↓
UC
0 ↓ 0 ↑
0 ↑
0 ↑
UC
UC
0 ↓
Notes:
(1)
When TEBX is set to '1,' the HT bit will not be set on power-down (tamper time-stamp will have precedence).
(2)
WDS, BMB0-BMB4, RB0, RB1.
(3)↑ = VCC rising; ↓ = VCC falling.
(4)
UC = unchanged.
Table 15: Default values
Condition
32kE
THS
TEB1
and 2
TCM1
and 2
TPM1
and 2
TDS1
and 2
TCHI/
������������������������������������������������1and
2
CLR1
and 2
TIE1
and 2
CLRPW0
CLRPW1
CLR1EXT and
CLR2EXT
Initial power-up
1
(1)
0
0
0
0
0
0
0
0
0
0
0
Subsequent power-up
(with battery backup)
(2)
UC
UC
UC
UC
UC
UC
UC
UC
0 ↑
UC
UC
UC
Notes:
(1)
32 kHz output valid only on VCC.
(2)
UC = unchanged.
Note: All other control bits are undetermined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com