Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WSS6TR Datasheet(PDF) 38 Page - STMicroelectronics

Part # M41ST87WSS6TR
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WSS6TR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M41ST87WSS6TR Datasheet HTML 34Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 35Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 36Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 37Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 38Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 39Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 40Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 41Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
Clock operation
M41ST87W
38/54
DocID9497 Rev 11
3.12
Century bits
These two bits will increment in a binary fashion at the turn of the century, and handle leap
years correctly. Refer to Table 12: "Century bits examples". These bits represent the next
higher order bits of the years register (07h), and should be set accordingly. For example,
for the year 2100, they would be set to 1 (D7 = 0 and D6 = 1), and for the year 2300, they
would be set to 3 (D7 = 1 and D6 = 1). Once set, they will increment every 100 years.
Provided they are set as described above, the date register (05h) will properly manage leap
day at the turn of any century. Leap day does not occur in turn-of-century years except for
those which are multiples of 400. Thus, with CB1 and CB0 properly set, the device will omit
leap day from the appropriate turn-of-century years.
Table 12: Century bits examples
CB1
CB0
Leap year?
Example
(1)
0
0
Yes
2000
0
1
No
2100
1
0
No
2200
1
1
No
2300
Notes:
(1)
Leap year occurs every four years (for years evenly divisible by four), except for years evenly divisible by 100.
The only exceptions are those years evenly divisible by 400 (the year 2000 was a leap year, year 2100 is not).
3.13
Output driver pin
When the TIE bit, OFIE bit, AFE bit, and watchdog register are not set to generate an
interrupt, the
IRQ/OUTpinbecomesanoutputdriverthatreflectsthecontentsofD7ofthe
control register. In other words, when D7 (OUT bit) is a '0,' then the
IRQ/OUTpinwillbe
driven low. With the ABE bit set to '1,' the OUT pin will continue to be driven low in battery
backup.
Note: The
IRQ/OUTpinisanopendrainwhichrequiresanexternalpull-upresistor.
3.14
Battery low warning
The M41ST87Y/W automatically performs battery voltage monitoring upon power-up and at
factory-programmed time intervals of approximately 24 hours. The battery low (BL) bit, bit
D4 of flags register 0Fh, will be set if the battery voltage is found to be less than
approximately 2.5 V. The BL bit will remain set until completion of battery replacement and
subsequent battery low monitoring tests, either during the next power-up sequence or the
next scheduled 24-hour interval.
If a battery low is generated during a power-up sequence, this indicates that the battery is
below approximately 2.5 volts and may not be able to maintain data integrity in the SRAM.
Data should be considered suspect and verified as correct. A fresh battery should be
installed.
If a battery low indication is generated during the 24-hour interval check, this indicates that
the battery is near end of life. However, data is not compromised due to the fact that a
nominal VCC is supplied. In order to ensure data integrity during subsequent periods of
battery back-up mode, the battery should be replaced. The battery should be replaced
while VCC is applied to the device.
The M41ST87Y/W only monitors the battery when a nominal VCC is applied to the device.
Thus applications which require extensive durations in the battery back-up mode should be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com