Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87WSS6TR Datasheet(PDF) 35 Page - STMicroelectronics

Part # M41ST87WSS6TR
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87WSS6TR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M41ST87WSS6TR Datasheet HTML 31Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 32Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 33Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 34Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 35Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 36Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 37Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 38Page - STMicroelectronics M41ST87WSS6TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
M41ST87W
Clock operation
DocID9497 Rev 11
35/54
it is again programmed correctly. A READ of the flags register will reset the watchdog flag
(bit D7; register 0Fh) but does not clear the
IRQ/OUTpin.
The watchdog function is automatically disabled upon power-up and the watchdog register
is cleared.
3.6
Square wave output
The M41ST87Y/W offers the user a programmable square wave function which is output
on the SQW/FT pin. RS3-RS0 bits located in 13h establish the square wave output
frequency. These frequencies are listed in Table 10: "Square wave output frequency".
Once the selection of the SQW frequency has been completed, the SQW/FT pin can be
turned on and off under software control with the square wave enable bit (SQWE) located
in register 0Ah.
The SQW/FT output is programmable as an N-channel, open drain output driver, or a full-
CMOS output driver. By setting the square wave open drain bit (SQWOD) to a '1,' the
output will be configured as an open drain (with IOL as specified in Table 19: "DC
characteristics"). When SQWOD is set to '0,' the output will be configured as full-CMOS
(sink and source current as specified in Table 19: "DC characteristics").
Note: When configured as open drain (SQWOD = '1'), the SQW/FT pin requires an external
pull-up resistor.
Table 10: Square wave output frequency
Square wave bits
Square wave
RS3
RS2
RS1
RS0
Frequency
Units
0
0
0
0
None
–
0
0
0
1
32.768
kHz
0
0
1
0
8.192
kHz
0
0
1
1
4.096
kHz
0
1
0
0
2.048
kHz
0
1
0
1
1.024
kHz
0
1
1
0
512
Hz
0
1
1
1
256
Hz
1
0
0
0
128
Hz
1
0
0
1
64
Hz
1
0
1
0
32
Hz
1
0
1
1
16
Hz
1
1
0
0
8
Hz
1
1
0
1
4
Hz
1
1
1
0
2
Hz
1
1
1
1
1
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com