Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87YSS6F Datasheet(PDF) 19 Page - STMicroelectronics

Part # M41ST87YSS6F
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YSS6F Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M41ST87YSS6F Datasheet HTML 15Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 16Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 17Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 18Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 19Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 20Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 21Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 22Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
M41ST87W
Operating modes
DocID9497 Rev 11
19/54
2.6.3
Tamper interrupt enable bits (TIE1 and TIE2)
If this bit is set to a logic '1,' the
IRQ/OUTpinwillbeactivatedwhenatampereventoccurs.
This function is also valid in battery backup if the ABE bit (alarm in battery backup) is also
set to '1' (see Figure 15: "Basic tamper detect options").
Note: In order to avoid an inadvertent activation of the
IRQ/OUTpinduetoapriortamper
event, the flag register (0Fh) should be read prior to clearing and again setting the TEBX
bit.
2.6.4
Tamper connect mode bit (TCM1 and TCM2)
This bit indicates whether the position of the external switch selected by the user is in the
normally open (TCMX = '1') or normally closed (TCMX = '0') position (see Figure 14:
"Tamper detect connection options" and Figure 16: "Tamper detect output options").
2.6.5
Tamper polarity mode bits (TPM1 and TPM2)
The state of this bit indicates whether the tamper pin input will be taken high (to VOUT if
TPMX = '1') or low (to VSS if TPMX = '0') to trigger a tamper event (see Figure 14: "Tamper
detect connection options" and Figure 16: "Tamper detect output options").
Figure 14: Tamper detect connection options
Note: These options are summarized in Table 4: "Tamper detection truth table".
1.
If the CLRXEXT bit is set, a second tamper to VOUT (TPM2 = '1') during tCLR will not be
detected.
2.
If the CLRXEXT bit is set, a second tamper to VOUT (TPM2 = '1') will trigger
automatically.
3.
Optional external resistor to VCC allows the user to bypass sampling when power is
“on.”
TPIN
TAMPER HI
(TPM X = 1)
TAMPER LO
(TPM X = 0)
VOUT
(1)
TPIN
NORMAL LY
CLOSED
(TCM X = 0)
NORMAL LY
OPEN
(TCM X = 1)
I.
IV.
II.
III.
TPIN
VOUT
(2)
TCHI/TCLO = 0
TCHI/TCLO = 1
TCHI/TCLO = 0
TCHI/TCLO = 1
VOUT (Int)
VCC
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com