Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87YSS6F Datasheet(PDF) 37 Page - STMicroelectronics

Part # M41ST87YSS6F
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YSS6F Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M41ST87YSS6F Datasheet HTML 33Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 34Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 35Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 36Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 37Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 38Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 39Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 40Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
M41ST87W
Clock operation
DocID9497 Rev 11
37/54
Table 11: Reset AC characteristics
Symbol
Parameter
(1)
Min
Max
Unit
tR1
(2)
RSTIN1lowtoRSTlow(minpulsewidth)
100
200
ns
tR2
(2)
RSTIN2lowtoRSTIN2high(minpulsewidth)
100
200
ns
trec
(3)
RSTIN1orRSTIN2hightoRSThigh
96
98
(3)
ms
Notes:
(1)
Valid for ambient operating temperature: TA = –40 to 85 °C; VCC = 4.5 to 5.5 V or 2.7 to 3.6 V (except where
noted).
(2)
Pulse widths of less than 100 ns will result in no RESET (for noise immunity).
(3)
Programmable (see
Table 13: "trec definitions"). Same function as power-on reset.
3.10
Power-fail comparators (1 and 2)
Two power-fail inputs (PFI1 and PFI2) are compared to an internal reference voltage (1.25
V). If either PFI1 or PFI2 is less than the power-fail threshold (VPFI), the associated power-
fail output (
PFO
1 or
PFO
2) will go low. This function is intended for use as an under-voltage
detector to signal a failing power supply. Typically PFI1 and PFI2 are connected through
external voltage dividers (see Figure 5: "Hardware hookup") to either the unregulated DC
input (if it is available) or the regulated output of the VCC regulator. The voltage divider can
be set up such that the voltage at PFI1 or PFI2 falls below VPFI several milliseconds before
the regulated VCC input to the M41ST87Y/W or the microprocessor drops below the
minimum operating voltage, thus providing an early warning of power failure.
During battery back-up, the power-fail comparator turns off and
PFO
1 and
PFO
2 go (or
remain) low. This occurs after VCC drops below VPFD(min). When power returns,
PFO
1 and
PFO
2 are forced high, irrespective of VPFI for the write protect time (trec), which is the time
from VPFD(max) until the inputs are recognized. At the end of this time, the power-fail
comparator is enabled and
PFO
1 and
PFO
2 follow PFI1 and PFI2. If the comparator is
unused, PFI1 or PFI2 should be connected to VSS and the associated
PFO
1 or
PFO
2 left
unconnected.
3.11
Power-fail outputs
The
PFO
1 and
PFO
2 outputs are programmable as N-channel, open drain output drivers, or
full-CMOS output drivers. By setting the power-fail output open drain bit (PFOD) to a '1,' the
output will be configured as open drain (with IOL as specified in Table 19: "DC
characteristics"). When PFOD is set to '0,' the outputs will be configured as full-CMOS (sink
and source current as specified in Table 19: "DC characteristics").
Note: When configured as open drain (PFOD = '1'),
PFO
1 and
PFO
2 will require an external
pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com