Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87YSS6F Datasheet(PDF) 4 Page - STMicroelectronics

Part # M41ST87YSS6F
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YSS6F Datasheet(HTML) 4 Page - STMicroelectronics

  M41ST87YSS6F Datasheet HTML 1Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 2Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 3Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 4Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 5Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 6Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 7Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 8Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
List of tables
M41ST87W
4/54
DocID9497 Rev 11
List of tables
Table 1: Signal names ................................................................................................................................9
Table 2: I
2C slave address........................................................................................................................12
Table 3: AC characteristics .......................................................................................................................15
Table 4: Tamper detection truth table.......................................................................................................20
Table 5: Tamper detection current (normally closed - TCMX = '0') ..........................................................22
Table 6: Tamper detect timing ..................................................................................................................24
Table 7: Calculated cutoff frequency for typical capacitance and resistance values ...............................26
Table 8: TIMEKEEPER
® register map......................................................................................................29
Table 9: Alarm repeat modes ...................................................................................................................33
Table 10: Square wave output frequency .................................................................................................35
Table 11: Reset AC characteristics ..........................................................................................................37
Table 12: Century bits examples ..............................................................................................................38
Table 13: trec definitions...........................................................................................................................39
Table 14: Default values ...........................................................................................................................40
Table 15: Default values ...........................................................................................................................40
Table 16: Absolute maximum ratings .......................................................................................................41
Table 17: DC and AC measurement conditions .......................................................................................42
Table 18: Capacitance ..............................................................................................................................42
Table 19: DC characteristics.....................................................................................................................43
Table 20: Crystal electrical characteristics ...............................................................................................44
Table 21: Power down/up AC characteristics ...........................................................................................45
Table 22: SOX28 – 28-lead plastic small outline, 300 mils, embedded crystal package mechanical data
..................................................................................................................................................................47
Table 23: SSOP20 – 20-lead, shrink, small outline package mechanical data ........................................48
Table 24: Carrier tape dimensions for SOX28 package ...........................................................................49
Table 25: Reel dimensions for 24 mm carrier tape (SOX28 package) and 16 mm carrier tape (SSOP20
package) ...................................................................................................................................................51
Table 26: Ordering information scheme ...................................................................................................52
Table 27: Document revision history ........................................................................................................53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com