Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST87YSS6F Datasheet(PDF) 30 Page - STMicroelectronics

Part # M41ST87YSS6F
Description  5.0 and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YSS6F Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M41ST87YSS6F Datasheet HTML 26Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 27Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 28Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 29Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 30Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 31Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 32Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 33Page - STMicroelectronics M41ST87YSS6F Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
Clock operation
M41ST87W
30/54
DocID9497 Rev 11
Addr
Data
Function/range
BCD format
D7
D6
D5
D4
D3
D2
D1
D0
15h
TEB2
TIE2
TCM2
TPM2
TDS2
TCHI/
TCLO2 CLR2EXT CLR2 Tamper2
16h-
1Dh
ROM
Serial number
8-byte
1Eh-
1Fh
Reserved
2-byte
20h-
9Fh
128 user bytes
Keys:
0 = Must be set to zero
RB0-RB1 = Watchdog resolution bits
32kE = 32 kHz output enable bit
RPT1-RPT5 = Alarm repeat mode bits
ABE = Alarm in battery backup mode enable bit
RS0-RS3 = SQW frequency
AF = Alarm flag (read only)
S = Sign bit
AFE = Alarm flag enable bit
SQWE = Square wave enable
BL = Battery low flag (read only)
SQWOD = Square wave open drain bit
BMB0-BMB4 = Watchdog multiplier bits
ST = Stop bit
CB0-CB1 = Century bits
TB (1 and 2) = Tamper bits (read only)
CLR (1 and 2) = RAM clear bits
TCHI/
TCLO(1and2)=Tampercurrenthi/tamper
current low bits
CLR (1 and 2)EXT = RAM clear external bits
TCM (1 and 2) = Tamper connect mode bits
CLRPW0 = RAM clear pulse width 0 bit
TDS (1 and 2) = Tamper detect sampling bits
CLRPW1 = RAM clear pulse width 1 bit
TEB (1 and 2) = Tamper enable bits
FT = Frequency test bit
THS = Threshold bit
HT = Halt update bit
TIE (1 and 2) = Tamper interrupt enable bits
OF = Oscillator fail bit
TPM (1 and 2) = Tamper polarity mode bits
OFIE = Oscillator fail interrupt enable bit
TR = trec bit
OUT = Output level
WDS = Watchdog steering bit
PFOD = Power-fail output open drain bit
WDF = Watchdog flag (read only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com