Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54-Y Datasheet(PDF) 6 Page - STMicroelectronics

Part # BAT54-Y
Description  Automotive small signal Schottky diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54-Y Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BAT54-Y Datasheet HTML 2Page - STMicroelectronics BAT54-Y Datasheet HTML 3Page - STMicroelectronics BAT54-Y Datasheet HTML 4Page - STMicroelectronics BAT54-Y Datasheet HTML 5Page - STMicroelectronics BAT54-Y Datasheet HTML 6Page - STMicroelectronics BAT54-Y Datasheet HTML 7Page - STMicroelectronics BAT54-Y Datasheet HTML 8Page - STMicroelectronics BAT54-Y Datasheet HTML 9Page - STMicroelectronics BAT54-Y Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Package information
BAT54-Y
6/11
DocID17696 Rev 3
Table 6: SOT23-3L mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.89
1.40
A1
0
0.10
B
0.30
0.51
C
0.085
0.18
D
2.75
3.04
e
0.85
1.05
e1
1.70
2.10
E
1.20
1.75
H
2.10
3.00
L
0.60
S
0.35
0.65
L1
0.25
0.55
a
0°
8°
Figure 9: SOT23-3L recommended footprint
Dimensions are in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com