Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54-Y Datasheet(PDF) 9 Page - STMicroelectronics

Part # BAT54-Y
Description  Automotive small signal Schottky diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54-Y Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BAT54-Y Datasheet HTML 3Page - STMicroelectronics BAT54-Y Datasheet HTML 4Page - STMicroelectronics BAT54-Y Datasheet HTML 5Page - STMicroelectronics BAT54-Y Datasheet HTML 6Page - STMicroelectronics BAT54-Y Datasheet HTML 7Page - STMicroelectronics BAT54-Y Datasheet HTML 8Page - STMicroelectronics BAT54-Y Datasheet HTML 9Page - STMicroelectronics BAT54-Y Datasheet HTML 10Page - STMicroelectronics BAT54-Y Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BAT54-Y
Ordering information
DocID17696 Rev 3
9/11
3
Ordering information
Figure 12: Ordering information scheme
Table 8: Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
BAT54FILMY
86Y
SOT-23 single
10 mg
3000
Tape and reel
BAT54SFILMY
88Y
SOT-23 serial
BAT54WFILMY
73Y
SOT-323 single
6 mg
BAT54CWFILMY
77Y
SOT-323 common cathode
BAT54AWFILMY
74Y
SOT-323 common anode
BAT54SWFILMY
78Y
SOT-323 serial
BAT54
xx
xx FILM
Y
Signal Schottky diodes
Package
Packing
V
= 40 V
RRM
No letter = Single diode
A = Common anode
C = Common cathode
S = Series diodes
Blank = SOT-23
W = SOT-323
FILM = Tape and reel
Configuration
Automotive grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com