Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54-Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAT54-Y
Description  Automotive small signal Schottky diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54-Y Datasheet(HTML) 2 Page - STMicroelectronics

  BAT54-Y Datasheet HTML 1Page - STMicroelectronics BAT54-Y Datasheet HTML 2Page - STMicroelectronics BAT54-Y Datasheet HTML 3Page - STMicroelectronics BAT54-Y Datasheet HTML 4Page - STMicroelectronics BAT54-Y Datasheet HTML 5Page - STMicroelectronics BAT54-Y Datasheet HTML 6Page - STMicroelectronics BAT54-Y Datasheet HTML 7Page - STMicroelectronics BAT54-Y Datasheet HTML 8Page - STMicroelectronics BAT54-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
BAT54-Y
2/11
DocID17696 Rev 3
1
Characteristics
Table 2: Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF
Continuous forward current
300
mA
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
1
A
Tstg
Storage temperature range
-65 to +150
°C
Tj
Operating junction temperature range(1)
-40 to +150
°C
TL
Maximum soldering temperature
260
°C
Notes:
(1)(dPtot/dTj) < (1/Rth(j-a)) condition to avoid thermal runaway for a diode on its own heatsink.
Table 3: Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient(1)
SOT-23
500
°C/W
SOT-323
550
Notes:
(1)Epoxy printed circuit board with recommended pad layout
Table 4: Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = 30 V
-
-
1
µA
Tj = 100 °C
-
-
100
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 0.1 mA
-
-
240
mV
IF = 1 mA
-
-
320
IF = 10 mA
-
-
400
IF = 30 mA
-
-
500
IF = 100 mA
-
-
900
Notes:
(1)Pulse test: tp = 5 ms, δ < 2 %
(2)Pulse test: tp = 380 µs, δ < 2%
Table 5: Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
C
Diode capacitance
VR = 1 V, F = 1 MHz
-
7
10
pF
trr
Reverse recovery time
IF = 10 mA, IR = 10 mA, Tj = 25 °C
Irr = 1 mA, RL = 100
Ω
-
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com