Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54-Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # BAT54-Y
Description  Automotive small signal Schottky diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54-Y Datasheet(HTML) 8 Page - STMicroelectronics

Back Button BAT54-Y Datasheet HTML 3Page - STMicroelectronics BAT54-Y Datasheet HTML 4Page - STMicroelectronics BAT54-Y Datasheet HTML 5Page - STMicroelectronics BAT54-Y Datasheet HTML 6Page - STMicroelectronics BAT54-Y Datasheet HTML 7Page - STMicroelectronics BAT54-Y Datasheet HTML 8Page - STMicroelectronics BAT54-Y Datasheet HTML 9Page - STMicroelectronics BAT54-Y Datasheet HTML 10Page - STMicroelectronics BAT54-Y Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package information
BAT54-Y
8/11
DocID17696 Rev 3
0.95
(0.037)
1.0
(0.039)
2.9
(0.114)
0.50
(0.019)
0.8
(0.031)
Table 7: SOT323-3L package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.8
1.1
0.031
0.043
A1
0.0
0.1
0.000
0.003
b
0.25
0.4
0.0098
0.0157
c
0.1
0.26
0.003
0.0102
D
1.8
2.0
2.2
0.070
0.078
0.086
E
1.15
1.25
1.35
0.0452
0.0492
0.0531
e
0.60
0.65
0.70
0.024
0.026
0.028
H
1.8
2.1
2.4
0.070
0.082
0.094
L
0.1
0.2
0.30
0.004
0.008
0.012
ϴ
0
30°
0
30°
Figure 11: SOT323-3L recommended footprint in mm (dimensions in inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com