Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4010 Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4010
Description  Hex buffer/converter (non-inverting)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4010 Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4010 Datasheet HTML 1Page - STMicroelectronics HCF4010 Datasheet HTML 2Page - STMicroelectronics HCF4010 Datasheet HTML 3Page - STMicroelectronics HCF4010 Datasheet HTML 4Page - STMicroelectronics HCF4010 Datasheet HTML 5Page - STMicroelectronics HCF4010 Datasheet HTML 6Page - STMicroelectronics HCF4010 Datasheet HTML 7Page - STMicroelectronics HCF4010 Datasheet HTML 8Page - STMicroelectronics HCF4010 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID8190 Rev 8
5/13
HCF4010
Electrical characteristics
13
3
Electrical characteristics
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. All voltage values are referred to
VSS pin voltage.
Table 4. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.5 to +22
V
VI
DC Input voltage
-0.5 to VDD + 0.5
II
DC input current
± 10
mA
PD
Power dissipation per package
200
mW
Power dissipation per output transistor
100
Top
Operating temperature
-55 to +125
°C
Tstg
Storage temperature
-65 to +150
Table 5. Recommended operating conditions
Symbol
Parameter
Value
Unit
VDD
Supply voltage
3 to 20
V
VI
Input voltage
0 to VDD
Top
Operating temperature
SO16
-55 to 125
°C
SO16 (automotive grade)
-40 to 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com